Electronic Components Datasheet Search
  English  ▼

X  

LTC1232CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1232CS8
Description  Microprocessor Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1232CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1232CS8 Datasheet HTML 1Page - Linear Technology LTC1232CS8 Datasheet HTML 2Page - Linear Technology LTC1232CS8 Datasheet HTML 3Page - Linear Technology LTC1232CS8 Datasheet HTML 4Page - Linear Technology LTC1232CS8 Datasheet HTML 5Page - Linear Technology LTC1232CS8 Datasheet HTML 6Page - Linear Technology LTC1232CS8 Datasheet HTML 7Page - Linear Technology LTC1232CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1232
sn1232 1232fas
■
Guaranteed Reset Assertion at VCC = 1V
■ 8-Pin SO Plastic Package
■ 2.0mA Maximum Supply Current
■
4.62V/4.37V Precision Voltage Monitor
■ Power OK/Reset Time Delay: 600ms
■ Minimum External Component Count
■
Superior Upgrade for DS1232
■ Critical µP Power Monitoring
■ Intelligent Instruments
■ Computers and Controllers
■ Automotive Systems
Microprocessor
Supervisory Circuits
RST Output Voltage vs
Supply Voltage
FEATURES
APPLICATIO S
DESCRIPTIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTC1232 • TA02
SUPPLY VOLTAGE (V)
0
3
4
5
4
2
1
0
1
2
3
5
The LTC
®1232 provides power supply monitoring,
watchdog timing and external reset for microprocessor
systems. A precise internal voltage reference and
comparator circuit monitor the power supply line. When
an out-of-tolerance condition occurs, the reset outputs
are forced to active states. The RST output is guaranteed
to remain logic low even with VCC as low as 1V.
The LTC1232 has an internal watchdog timer which forces
the reset outputs to active states when the Strobe input is
not forced low prior to a preset time-out period. The
watchdog timing can be set to operate on time-out periods
of typically 150ms, 600ms or 1.2 seconds.
The LTC1232 performs push-button reset control.
The LTC1232 debounces the push-button input
and guarantees an active reset pulse width of 250ms
minimum.
TYPICAL APPLICATIO
100k
5V DC
5V DC
I/O LINE
MPU
(e.g. 6805)
RESET
LTC1232 • TA01
LTC1232
PB RST
TD
TOL
GND
VCC
ST
RST
RST


Similar Part No. - LTC1232CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1232CS8 LINER-LTC1232CS8 Datasheet
378Kb / 7P
Microprocessor Supervisory Circuit
More results

Similar Description - LTC1232CS8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
Microprocessor Supervisory Circuits
REV.0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
Microprocessor Supervisory Circuits
REV.0
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com