Electronic Components Datasheet Search
  English  ▼

X  

LTC1232CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1232CS8
Description  Microprocessor Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1232CS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1232CS8 Datasheet HTML 1Page - Linear Technology LTC1232CS8 Datasheet HTML 2Page - Linear Technology LTC1232CS8 Datasheet HTML 3Page - Linear Technology LTC1232CS8 Datasheet HTML 4Page - Linear Technology LTC1232CS8 Datasheet HTML 5Page - Linear Technology LTC1232CS8 Datasheet HTML 6Page - Linear Technology LTC1232CS8 Datasheet HTML 7Page - Linear Technology LTC1232CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1232
sn1232 1232fas
TYPICAL PERFOR A CE CHARACTERISTICS
VCC Trip Point vs Temperature
Reset Active Time vs Temperature
Time-Out Period vs Temperature
VCC Trip Point vs Temperature
RST Output Voltage vs Supply Voltage
PI FU CTIO S
TOL: Input to Select 5% or 10% Variation on VCC. When
TOL is connected to GND, the reset pulse generator forces
the reset outputs to active states as VCC falls below 4.75V
(4.62V typical). When TOL is connected to VCC, the reset
pulse generator forces the reset outputs to active states as
VCC falls below 4.5V (4.37V typical).
TD: Time-Out Delay. TD is a three-level input to select three
different time-out periods. The time-out period is set by
the TD input to be 150ms with TD connected to GND,
600ms with TD left floating, and 1.2 seconds with TD
connected to VCC.
VCC: 5V Supply Input. The VCC pin should be bypassed
with a 0.1µF capacitor.
GND: Ground Pin.
PB RST: Logic Input to be Directly Connected to a Push-
Button. The PB RST input requires an active low signal
which is debounced and timed for a minimum of 40ms.
When this condition is satisfied, the reset pulse generator
forces the reset outputs to active states. The reset outputs
remain in active states for a minimum of 250ms after
PB RST is released from logic low level.
LTC1232 • TPC01
TEMPERATURE (˚C)
–50
4.61
4.62
4.63
25
75
4.60
4.59
–25
0
50
100
125
4.58
4.57
TOL = GND
LTC1232 • TPC02
TEMPERATURE (˚C)
–50
4.36
4.37
4.38
25
75
4.35
4.34
–25
0
50
100
125
4.33
4.32
TOL = VCC
LTC1232 • TPC03
TEMPERATURE (˚C)
–50
648
672
696
25
75
624
600
–25
0
50
100
125
576
552
VCC = 5V
LTC1232 • TPC04
TEMPERATURE (˚C)
–50
648
672
696
25
75
624
600
–25
0
50
100
125
576
552
VCC = 5V
TD = NO CONNECTION
LTC1232 • TPC05
SUPPLY VOLTAGE (V)
0
3
4
5
4
2
1
0
1
2
3
5
TA = 25°C
EXTERNAL PULL-UP = 10µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com