Electronic Components Datasheet Search
  English  ▼

X  

LTC1232CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1232CS8
Description  Microprocessor Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1232CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1232CS8 Datasheet HTML 1Page - Linear Technology LTC1232CS8 Datasheet HTML 2Page - Linear Technology LTC1232CS8 Datasheet HTML 3Page - Linear Technology LTC1232CS8 Datasheet HTML 4Page - Linear Technology LTC1232CS8 Datasheet HTML 5Page - Linear Technology LTC1232CS8 Datasheet HTML 6Page - Linear Technology LTC1232CS8 Datasheet HTML 7Page - Linear Technology LTC1232CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1232
sn1232 1232fas
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
●
4.5
5
5.5
V
VIH
ST and PB RST Input High Level
●
2VCC+0.3
V
VIL
ST and PB RST Input Low Level
●
– 0.3
0.8
V
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IIL
Input Leakage
(Note 3)
●
–1
1
µA
IOH
Output Current at 2.4V
(Note 5)
●
–1
–13
mA
IOL
Output Current at 0.4V
(Note 5)
●
26
mA
ICC
Supply Current
(Note 4)
●
0.5
2
mA
VCCTP
VCC Trip Point
TOL = GND
●
4.5
4.62
4.74
V
VCCTP
VCC Trip Point
TOL = VCC
●
4.25
4.37
4.49
V
VHYS
VCC Trip Point Hysteresis
40
mV
VRST
RST Output Voltage at VCC = 1V
ISINK = 10µA
4
200
mV
The
● denotes the specifications which apply
over the full operating temperature. VCC = full operating range.
The
● denotes the specifications which apply over the full operating
temperature. VCC = full operating range.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPB
PB RST = VIL
●
40
ms
tRST
RESET Active Time
●
250
610
1000
ms
tST
ST Pulse Width
●
20
ns
tRPD
VCC Detect to RST and RST
●
100
ns
tf
VCC Slew Rate 4.75V–4.25V
●
300
µs
tRPU
VCC Detect to RST and RST
tR = 5µs
●
250
610
1000
ms
(Reset Active Time)
tR
VCC Slew Rate 4.25V–4.75V
●
0ns
tTD
ST Pin Detect to RST and RST
TD = GND
●
60
150
250
ms
(Watchdog Time-Out Period)
TD = Floating
●
250
610
1000
ms
TD = VCC
●
500
1200
2000
ms
CIN
Input Capacitance
5pF
COUT
Output Capacitance
5
pF
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: The PB RST pin is internally pulled up to VCC with an internal
impedance of 10k typical. The TD pin has internal bias current.
Note 4: Measured with outputs open.
Note 5: The RST pin is an open drain output.
The
● denotes the specifications which apply over the full operating temperature.
VCC = full operating range.
AC CHARACTERISTICS
RECO
E DED OPERATI G CO DITIO S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com