Electronic Components Datasheet Search
  English  ▼

X  

LTC1400CS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1400CS8
Description  Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1400CS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1400CS8 Datasheet HTML 12Page - Linear Technology LTC1400CS8 Datasheet HTML 13Page - Linear Technology LTC1400CS8 Datasheet HTML 14Page - Linear Technology LTC1400CS8 Datasheet HTML 15Page - Linear Technology LTC1400CS8 Datasheet HTML 16Page - Linear Technology LTC1400CS8 Datasheet HTML 17Page - Linear Technology LTC1400CS8 Datasheet HTML 18Page - Linear Technology LTC1400CS8 Datasheet HTML 19Page - Linear Technology LTC1400CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC1400
20
1400fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2006
LT 0606 REV A • PRINTED IN USA
TYPICAL APPLICATIO S
RELATED PARTS
VCC
AIN
VREF
VSS
CLK
CONV
DOUT
GND
TCLKX
TCLKR
TFSX
TFSR
TDR
LTC1400
TMS320C50
+
10
µF
0.1
µF
UNIPOLAR
INPUT
+
10
µF
0.1
µF
5V
1400 TA04a
1
2
3
8
4
6
7
5
AIN
VSS
VCC
VREF
CLK
CONV
DOUT
GND
SCLKO
RFSO
DR0
LTC1400
ADSP2181
UNIPOLAR
INPUT
+
10
µF
0.1
µF
+
10
µF
5V
0.1
µF
1
2
3
8
4
6
7
5
1400 TA05a
LTC1400 Interface to ADSP2181
LTC1400 Interface to TMS320C50
PART NUMBER
DESCRIPTION
COMMENTS
LTC1285/LTC1288
12-Bit, 3V, 7.5/6.6ksps, Micropower Serial ADCs
0.48mW, 1 or 2 Channel Input, SO-8
LTC1286/LTC1298
12-Bit, 5V 12.5/11.16ksps, Micropower Serial ADCs
1.25mW, 1 or 2 Channel Input, SO-8
LTC1290
12-Bit, 50ksps 8-Channel Serial ADC
5V or ± 5V Input Range, 30mW, Full-duplex
LTC1296
12-Bit, 46.5ksps 8-Channel Serial ADC
5V or ± 5V Input Range, 30mW, Half-duplex
LTC1403/LTC1403A
12-/14-Bit, 2.8Msps Serial ADCs
3V, 15mW, MSOP Package
LTC1407/LTC1407A
12-/14-Bit, 3Msps Simultaneous Sampling ADCs
3V, 14mW, 2-Channel Differential Inputs, MSOP Package
LTC1417
14-Bit, 400ksps Serial ADC
5V or ± 5V, 20mW, Internal Reference, SSOP-16
LTC1609
16-Bit, 200ksps Serial ADC
5V, Configurable Bipolar or Unipolar Inputs to ±10V
LTC1860L/LTC1861L 12-Bit, 3V, 150ksps Serial ADCs
1.22mW, 1-/2-Channel Inputs, MSOP and SO-8
LTC1860/LTC1861
12-Bit, 5V, 250ksps Serial ADCs
4.25mW, 1-/2-Channel Inputs, MSOP and SO-8
LTC1864L/LTC1864L 16-Bit, 3V, 150KSPS Serial ADCs
1.22mW, 1-/2-Channel Inputs, MSOP and SO-8
LTC1864/LTC1864
16-Bit, 5V, 250ksps Serial ADCs
4.25mW, 1-/2-Channel Inputs, MSOP and SO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com