Electronic Components Datasheet Search
  English  ▼

X  

SF5404 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SF5404
Description  Super Fast Soft Recovery Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF5404 Datasheet(HTML) 1 Page - Vishay Siliconix

  SF5404 Datasheet HTML 1Page - Vishay Siliconix SF5404 Datasheet HTML 2Page - Vishay Siliconix SF5404 Datasheet HTML 3Page - Vishay Siliconix SF5404 Datasheet HTML 4Page - Vishay Siliconix SF5404 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SF5400...SF5408
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 24-Jun-98
1 (5)
Document Number 86061
Super Fast Soft Recovery Rectifier
Features
D Glass passivated
D Hermetically sealed axial leaded glass envelope
D Low reverse current
D High reverse voltage
Applications
Switched mode power supplies
High–frequency inverter circuits
94 9588
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
SF5400
VR=VRRM
50
V
g
=Repetitive peak reverse voltage
SF5401
VR=VRRM
100
V
SF5402
VR=VRRM
200
V
SF5403
VR=VRRM
300
V
SF5404
VR=VRRM
400
V
SF5405
VR=VRRM
500
V
SF5406
VR=VRRM
600
V
SF5407
VR=VRRM
800
V
SF5408
VR=VRRM
1000
V
Peak forward surge current
tp = 10 ms, half sinewave
IFSM
150
A
Average forward current
IFAV
3
A
Junction and storage
temperature range
Tj=Tstg
–55...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
Lead length l = 10 mm, TL = constant
RthJA
25
K/W
on PC Board with spacing 37.5 mm
RthJA
70
K/W


Similar Part No. - SF5404

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SF5404 ETC-SF5404 Datasheet
103Kb / 2P
374.00 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5404 VANLONG-SF5404 Datasheet
109Kb / 2P
374.00 MHz SAW Filter
logo
Gulf Semiconductor
SF5404 GULFSEMI-SF5404 Datasheet
102Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?0 to 1000V CURRENT: 3.0A
logo
Vishay Siliconix
SF5404 VISHAY-SF5404 Datasheet
120Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
25-May-11
SF5404 VISHAY-SF5404 Datasheet
120Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
19-Sep-12
More results

Similar Description - SF5404

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYG85B PHILIPS-BYG85B Datasheet
66Kb / 12P
Fast soft-recovery rectifier
1998 Nov 25
BYV1100 PHILIPS-BYV1100 Datasheet
64Kb / 12P
Fast soft-recovery rectifier
1998 Dec 03
BYV98 PHILIPS-BYV98 Datasheet
56Kb / 8P
Fast soft-recovery rectifier
1996 Jun 07
logo
Vishay Siliconix
BYT41 VISHAY-BYT41 Datasheet
44Kb / 4P
Fast Soft Recovery Rectifier
24-Jun-98
BYT44 VISHAY-BYT44 Datasheet
42Kb / 4P
Super Fast Soft Recovery Rectifier
24-Jun-98
S414D VISHAY-S414D Datasheet
36Kb / 3P
Fast Soft Recovery Rectifier
24-Jun-98
SF4001 VISHAY-SF4001 Datasheet
49Kb / 5P
Super Fast Soft Recovery Rectifier
24-Jun-98
logo
SUNMATE electronic Co.,...
SF4001 SUNMATE-SF4001 Datasheet
143Kb / 3P
1A Axial Leaded Super Fast Soft Recovery Rectifier
SF5400 SUNMATE-SF5400 Datasheet
166Kb / 2P
3A Axial Leaded Super Fast Soft Recovery Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com