Electronic Components Datasheet Search
  English  ▼

X  

SF5404 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SF5404
Description  Super Fast Soft Recovery Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF5404 Datasheet(HTML) 3 Page - Vishay Siliconix

  SF5404 Datasheet HTML 1Page - Vishay Siliconix SF5404 Datasheet HTML 2Page - Vishay Siliconix SF5404 Datasheet HTML 3Page - Vishay Siliconix SF5404 Datasheet HTML 4Page - Vishay Siliconix SF5404 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SF5400...SF5408
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 24-Jun-98
3 (5)
Document Number 86061
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
0
20
40
60
80 100 120 140 160 180
Tamb – Ambient Temperature ( °C )
96 12133
VR =VRRM
f
v1kHz
RthJAv70K/W
PC Board
SF5405...SF5408
Figure 3. Max. Average Forward Current vs.
Ambient Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
0
20
40
60
80 100 120 140 160 180
Tamb – Ambient Temperature ( °C )
96 12061
VR =VRRM
f
v1kHz
RthJAv25K/W
l=10mm
SF5400...SF5404
Figure 4. Max. Average Forward Current vs.
Ambient Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
0
20
40
60
80 100 120 140 160 180
Tamb – Ambient Temperature ( °C )
96 12062
VR =VRRM
f
v1kHz
RthJAv25K/W
l=10mm
SF5405...SF5408
Figure 5. Max. Average Forward Current vs.
Ambient Temperature
0.001
0.010
0.100
1.000
10.000
100.000
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
VF – Forward Voltage ( V )
96 12057
Tj =25°C
Tj = 175°C
SF5400...SF5404
Figure 6. Max. Forward Current vs. Forward Voltage
0.001
0.010
0.100
1.000
10.000
100.000
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
VF – Forward Voltage ( V )
96 12059
Tj =25°C
Tj = 175°C
SF5405...SF5408
Figure 7. Max. Forward Current vs. Forward Voltage
1
10
100
1000
25
50
75
100
125
150
175
Tj – Junction Temperature ( °C )
96 12065
VR = VRRM
SF5400...SF5408
Figure 8. Max. Reverse Current vs.
Junction Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com