Electronic Components Datasheet Search
  English  ▼

X  

SF5404 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SF5404
Description  Super Fast Soft Recovery Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF5404 Datasheet(HTML) 2 Page - Vishay Siliconix

  SF5404 Datasheet HTML 1Page - Vishay Siliconix SF5404 Datasheet HTML 2Page - Vishay Siliconix SF5404 Datasheet HTML 3Page - Vishay Siliconix SF5404 Datasheet HTML 4Page - Vishay Siliconix SF5404 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SF5400...SF5408
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 24-Jun-98
2 (5)
Document Number 86061
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF = 3 A
SF5400–SF5404
VF
1.1
V
g
F
SF5405–SF5408
VF
1.7
V
Reverse current
VR=VRRM
IR
5
mA
VR=VRRM, Tj=125°C
IR
50
mA
Reverse breakdown
IR=100mA
SF5400
V(BR)R
60
V
voltage
R
m
SF5401
V(BR)R
110
V
SF5402
V(BR)R
220
V
SF5403
V(BR)R
330
V
SF5404
V(BR)R
440
V
SF5405
V(BR)R
550
V
SF5406
V(BR)R
660
V
SF5407
V(BR)R
880
V
SF5408
V(BR)R
1100
V
Reverse recovery
IF=0.5A, IR=1A, iR=0.25A
SF5400–SF5404
trr
50
ns
y
time
F
R
R
SF5405–SF5408
trr
75
ns
Characteristics (Tj = 25_C unless otherwise specified)
0
5
10
15
25
0
10
20
30
40
l – Lead Length ( mm )
30
94 9548
20
ll
TL=constant
Figure 1. Max. Thermal Resistance vs. Lead Length
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
0
20
40
60
80 100 120 140 160 180
Tamb – Ambient Temperature ( °C )
96 12132
VR =VRRM
f
v1kHz
RthJAv70K/W
PC Board
SF5400...SF5404
Figure 2. Max. Average Forward Current vs.
Ambient Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com