Electronic Components Datasheet Search
  English  ▼

X  

1446 Datasheet(PDF) 7 Page - Linear Technology

Part # 1446
Description  Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1446 Datasheet(HTML) 7 Page - Linear Technology

Back Button 1446 Datasheet HTML 3Page - Linear Technology 1446 Datasheet HTML 4Page - Linear Technology 1446 Datasheet HTML 5Page - Linear Technology 1446 Datasheet HTML 6Page - Linear Technology 1446 Datasheet HTML 7Page - Linear Technology 1446 Datasheet HTML 8Page - Linear Technology 1446 Datasheet HTML 9Page - Linear Technology 1446 Datasheet HTML 10Page - Linear Technology 1446 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1446/LTC1446L
Resolution (n)
Resolution is defined as the number of digital input bits,
n. It defines the number of DAC output states (2n) that
divide the full-scale range. The resolution does not imply
linearity.
Full-Scale Voltage (VFS)
This is the output of the DAC when all bits are set to one.
Voltage Offset Error (VOS)
The theoretical voltage at the output when the DAC is
loaded with all zeros. The output amplifier can have a true
negative offset, but because the part is operated from a
single supply, the output cannot go below zero. If the
offset is negative, the output will remain near 0V resulting
in the transfer curve shown in Figure 1.
Nominal LSBs:
LTC1446
LSB = 4.095V/4095 = 1mV
LTC1446L LSB = 2.5V/4095 = 0.610mV
Zero Scale Error (ZSE)
The output voltage when the DAC is loaded with all zeros.
Since this is a single supply part this value cannot be less
than 0V.
Integral Nonlinearity (INL)
End-point INL is the maximum deviation from a straight
line passing through the end points of the DAC transfer
curve. Because the part operates from a single supply and
the output cannot go below 0, the linearity is measured
between full scale and the code corresponding to the
maximum offset specification. The INL error at a given
input code is calculated as follows :
INL = [VOUT – VOS – (VFS – VOS)(Code/4095)]/LSB
VOUT= the output voltage of the DAC measured at the given
input code
Differential Nonlinearity (DNL)
DNL is the difference between the measured change and
the ideal 1LSB change between any two adjacent codes.
The DNL error between any two codes is calculated as
follows:
DNL = (
∆VOUT – LSB)/LSB
∆VOUT = The measured voltage difference between two
adjacent codes
Figure 1. Effect of Negative Offset
DAC CODE
1446/46L F01
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
DEFI ITIO S
The offset of the part is measured at the code that corre-
sponds to the maximum offset specification:
VOS = VOUT – [(Code)(VFS)/(2n – 1)]
Least Significant Bit (LSB)
One LSB is the ideal voltage difference between two
successive codes.
LSB = (VFS – VOS)/(2n – 1) = (VFS – VOS)/4095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com