Electronic Components Datasheet Search
  English  ▼

X  

1446 Datasheet(PDF) 4 Page - Linear Technology

Part # 1446
Description  Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1446 Datasheet(HTML) 4 Page - Linear Technology

  1446 Datasheet HTML 1Page - Linear Technology 1446 Datasheet HTML 2Page - Linear Technology 1446 Datasheet HTML 3Page - Linear Technology 1446 Datasheet HTML 4Page - Linear Technology 1446 Datasheet HTML 5Page - Linear Technology 1446 Datasheet HTML 6Page - Linear Technology 1446 Datasheet HTML 7Page - Linear Technology 1446 Datasheet HTML 8Page - Linear Technology 1446 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1446/LTC1446L
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
0
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
1024
2048 2560
1446/46L G01
–0.3
0.3
0.4
0.1
512
1536
3072 3584 4095
LTC1446 Differential Nonlinearity
(DNL)
LTC1446 Integral Nonlinearity (INL)
LTC1446L Differential Nonlinearity
LTC1446L Integral Nonlinearity
LTC1446 Min Supply Headroom for
Full Output Swing vs Load Current
LTC1446L Min Supply Headroom for
Full Output Swing vs Load Current
LTC1446 Full-Scale Voltage
vs Temperature
TEMPERATURE (
°C)
–55
4.07
4.08
4.09
4.10
4.11
–25
5
35
65
1446/46L G09
95
125
CODE
0
–3
–2
–1
0
1
1024
2048
3072
4095
1446/46L G02
2
3
512
1536
2560
3584
CODE
0
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
1024
2048 2560
1446/46L G03
–0.3
0.3
0.4
0.1
512
1536
3072 3584 4095
CODE
0
–3
–2
–1
0
1
1024
2048
3072
4095
1446/46L G04
2
3
512
1536
2560
3584
LOAD CURRENT (mA)
0
0.4
0.6
15
LTC1446/46L • TPC05
0.2
0
5
10
0.8
∆VOUT < 1LSB
CODE: ALL 1's
VOUT = 4.095V
LOAD CURRENT (mA)
0
0
0.2
0.4
0.6
0.8
1.2
510
LTC1446/46L • TPC06
15
1.0
∆VOUT < 1LSB
CODE: ALL 1's
VOUT = 2.5V
OUTPUT SINK CURRENT (mA)
0
0
100
200
300
400
600
510
LTC1446/46L • TPC07
15
500
CODE: ALL 0'S
125
°C
25
°C
–55
°C
LTC1446 Min Output Voltage vs
Output Sink Current
LTC1446 Supply Current
vs Logic Input Voltage
LOGIC INPUT VOLTAGE (V)
0.6
1.4
2.2
3.0
1.0
1.8
2.6
12
3
4
1446/46L G09
5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com