Electronic Components Datasheet Search
  English  ▼

X  

1446 Datasheet(PDF) 1 Page - Linear Technology

Part # 1446
Description  Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1446 Datasheet(HTML) 1 Page - Linear Technology

  1446 Datasheet HTML 1Page - Linear Technology 1446 Datasheet HTML 2Page - Linear Technology 1446 Datasheet HTML 3Page - Linear Technology 1446 Datasheet HTML 4Page - Linear Technology 1446 Datasheet HTML 5Page - Linear Technology 1446 Datasheet HTML 6Page - Linear Technology 1446 Datasheet HTML 7Page - Linear Technology 1446 Datasheet HTML 8Page - Linear Technology 1446 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1446/LTC1446L
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATION
Dual 12-Bit Rail-to-Rail
Micropower DACs in SO-8
s
Dual DACs with 12-Bit Resolution
s
SO-8 Package
s
Rail-to-Rail Output Amplifiers
s
Internal Reference
s
Maximum DNL Error: 0.5LSB
s
3V Operation (LTC1446L): ICC = 650µA Typ
s
5V Operation (LTC1446): ICC = 1000µA Typ
s
Settling Time: 14
µs to ±0.5LSB
s
Power-On Reset Clears DACs to 0V
s
3-Wire Cascadable Serial Interface with 500kHz
Update Rate
s
Schmitt Trigger On Input Allows Direct
Optocoupler Interface
s
Low Cost
The LTC
®1446/LTC1446L are dual 12-bit digital-to-analog
converters (DACs) available in an SO-8 package. They are
complete with a rail-to-rail voltage output amplifier, an
internal reference and an easy-to-use 3-wire cascadable
serial interface.
The LTC1446 has an internal reference and a full-scale
output of 4.095V. It operates from a single 4.5V to 5.5V
supply.
The LTC1446L has an internal reference and a full-scale
output of 2.5V. It operates from a single 2.7V to 5.5V
supply.
The low power supply current makes the LTC1446 family
ideal for battery-powered applications. These DACs are
available in space saving 8-pin SO and PDIP packages and
require no external components for operation.
Differential Nonlinearity vs Input Code
CODE
0
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
1024
2048 2560
1446/46L G13
–0.3
0.3
0.4
0.1
512
1536
3072 3584 4095
–
+
–
+
12-BIT
DAC B
LTC1446: 5V
LTC1446L: 3V TO 5V
RAIL-TO-RAIL
VOLTAGE
OUTPUT
12-BIT
DAC A
POWER-ON
RESET
24-BIT
SHIFT
REG
AND
DAC
LATCH
µP
DIN
2
7
DOUT
4
6
1446/1446L TA01
CLK
1
CS/LD
3
8
VOUT B
5
VOUT A
VCC
GND
Functional Block Diagram: Dual 12-Bit Rail-to-Rail DAC
s
Digital Calibration
s
Industrial Process Control
s
Automatic Test Equipment
s
Cellular Telephones
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - 1446

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1446 VISHAY-1446 Datasheet
173Kb / 3P
Bulk Metal® Foil Technology Dual-In-Line Hermetic Resistor Networks
08-Mar-05
logo
API Technologies Corp
1446 APITECH-1446 Datasheet
409Kb / 1P
Medium Power, 7/16 Connectors
logo
Multicomp Pro
1446 MULTICOMP-1446 Datasheet
182Kb / 1P
Black Nylon Slit Loom Tubing
05/06/20 V1.0
logo
Adafruit Industries
1446 ADAFRUIT-1446 Datasheet
72Kb / 1P
"Wire Wrap" Thin Prototyping & Repair Wire - 200m 30AWG Blue
logo
TE Connectivity Ltd
1446000-1 TEC-1446000-1 Datasheet
1Mb / 15P
Power Connectors & Interconnection Systems
Revised 2-10
More results

Similar Description - 1446

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1446 LINER-LTC1446 Datasheet
130Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Dimensions Semic...
LTC1446IS8 LINEAR_DIMENSIONS-LTC1446IS8 Datasheet
178Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1655LIS8 LINEAR_DIMENSIONS-LTC1655LIS8 Datasheet
184Kb / 16P
16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
logo
Linear Technology
LTC1446 LINER-LTC1446_15 Datasheet
178Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446L LINER-LTC1446L_15 Datasheet
178Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1655L LINER-LTC1655L_15 Datasheet
184Kb / 16P
16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com