Electronic Components Datasheet Search
  English  ▼

X  

150233 Datasheet(PDF) 2 Page - Linear Technology

Part # 150233
Description  Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

150233 Datasheet(HTML) 2 Page - Linear Technology

  150233 Datasheet HTML 1Page - Linear Technology 150233 Datasheet HTML 2Page - Linear Technology 150233 Datasheet HTML 3Page - Linear Technology 150233 Datasheet HTML 4Page - Linear Technology 150233 Datasheet HTML 5Page - Linear Technology 150233 Datasheet HTML 6Page - Linear Technology 150233 Datasheet HTML 7Page - Linear Technology 150233 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1502-3.3
ABSOLUTE MAXIMUM RATINGS
Operating Temperature Range
Commercial ............................................ 0
°C to 70°C
Extended Commercial (Note 4) .......... – 40
°C to 85°C
Industrial ........................................... – 40
°C to 85°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
VIN to GND .................................................. – 0.3V to 2V
VOUT to GND ............................................... – 0.3V to 5V
All Other Pins to GND ................................. – 0.3V to 5V
VOUT Short-Circuit Duration ............................ Indefinite
Storage Temperature Range ................ – 65
°C to 150°C
(Note 1)
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1502CS8-3.3
LTC1502IS8-3.3
S8 PART MARKING
Consult factory for Military grade parts.
TJMAX = 125°C, θJA = 150°C/ W
LTC1502CMS8-3.3
MS8 PART MARKING
LTEC
TJMAX = 125°C, θJA = 250°C/ W
1
2
3
4
C2
C1+
C1–/SHDN
GND
8
7
6
5
VOUT
C3+
C3 –
VIN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
1
2
3
4
8
7
6
5
TOP VIEW
VOUT
C3+
C3 –
VIN
C2
C1+
C1–/SHDN
GND
S8 PACKAGE
8-LEAD PLASTIC SO
150233
502I33
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
q
0.9
1.8
V
Minimum VIN Start-Up Voltage
TA = 0°C to 70°C (Note 2)
q
0.75
0.9
V
TA = –40°C to 85°C (Note 2)
q
1.1
V
VOUT Voltage
IOUT ≤ 3.5mA, 0.9V ≤ VIN ≤ 1.8V
q
3.17
3.3
3.43
V
IOUT ≤ 10mA, 1V ≤ VIN ≤ 1.8V
q
3.17
3.3
3.43
V
VIN Operating Current
IOUT = 0mA
q
40
90
µA
VIN Shutdown Current
C1–/SHDN = 0V
q
515
µA
Output Ripple
IOUT = 10mA, VIN = 1.25V
50
mVP-P
Efficiency
VIN = 1V, IOUT = 10mA
77
%
Switching Frequency
Oscillator Free-Running
500
kHz
C1–/SHDN Shutdown Input Threshold
C1–/SHDN in Hi-Z Sampling State
q
0.20
0.55
0.85
V
C1–/SHDN Shutdown Input Current
C1–/SHDN = 0V (Note 3)
q
– 0.5
– 2.5
– 8
µA
VOUT Turn-On Time
VIN = 1V, IOUT = 0mA
5
ms
VOUT Short-Circuit Current
VIN = 1.5V, VOUT Forced to 0V
20
mA
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 0.9V to 1.8V, C1 = C3 = 1µF, CIN = C2 = COUT = 10µF unless otherwise specified.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Start-up testing is done with a 100k
Ω equivalent load on VOUT.
Note 3: Currents flowing into the device are positive polarity. Currents
flowing out of the device are negative polarity.
Note 4: Commercial grade specifications are guaranteed over the 0
°C to
70
°C operating temperature range. In addition, commercial grade
specifications are assured over the –40
°C to 85°C operating temperature
range by design, characterization and correlation with statistical process
controls. Industrial grade specifications are guaranteed and tested over the
–40
°C to 85°C operating temperature range.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com