Electronic Components Datasheet Search
  English  ▼

X  

150233 Datasheet(PDF) 3 Page - Linear Technology

Part # 150233
Description  Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

150233 Datasheet(HTML) 3 Page - Linear Technology

  150233 Datasheet HTML 1Page - Linear Technology 150233 Datasheet HTML 2Page - Linear Technology 150233 Datasheet HTML 3Page - Linear Technology 150233 Datasheet HTML 4Page - Linear Technology 150233 Datasheet HTML 5Page - Linear Technology 150233 Datasheet HTML 6Page - Linear Technology 150233 Datasheet HTML 7Page - Linear Technology 150233 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1502-3.3
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE (V)
0.8
40
60
1.6
1502-3.3 G01
20
0
1.0
1.2
1.4
1.8
80
TA = 25°C
TA = 0°C
TA = – 40°C
IOUT = 0mA
TA = 70°C
TA = 85°C
No Load Input Current
vs Input Voltage
OUTPUT CURRENT (mA)
0.01
3.30
3.35
TA = 25°C
VIN = 1V
100
1502-3.3 G03
3.25
3.20
0.1
1
10
3.40
VIN = 1.5V
VIN = 1.8V
Output Voltage vs Output Current
Shutdown Input Current
vs Input Voltage
INPUT VOLTAGE (V)
0.8
8
12
1.6
1502-3.3 G02
4
0
1.0
1.2
1.4
1.8
16
TA = 70°C
TA = 85°C
TA = 25°C
TA = – 40°C
TA = 0°C
C1–/SHDN = 0V
Maximum Start-Up Load Current
vs Input Voltage
INPUT VOLTAGE (V)
0.8
8
12
1.6
1502-3.3 G04
4
0
1.0
1.2
1.4
1.8
16
TA = 25°C
Load Transient Response
200
µs/DIV
IOUT
0mA to 10mA
5mA/DIV
VOUT
AC COUPLED
50mV/DIV
Efficiency vs Output Current
OUTPUT CURRENT (mA)
0.01
40
60
100
1502-3.3 G05
20
0
0.1
1
10
100
80
TA = 25°C
VOUT = 3.3V
VIN = 1V
VIN = 1.25V
VIN = 1.5V
VIN = 1.8V
1502-3.3 G06
Oscillator Frequency
vs Input Voltage
Shutdown Waveforms
(See Figure 1)
Calculated Battery Life,
Battery = 2400mA • Hr AA Cell
INPUT VOLTAGE (V)
0.8
500
600
1.6
1502-3.3 G07
400
300
1.0
1.2
1.4
1.8
700
TA = 70°C
TA = – 40°C
TA = 25°C
TA = 85°C
TA = 0°C
AVERAGE LOAD CURRENT (mA)
0.001
10
1k
100k
0.1
1
10
0.01
100
1502-3.3 G08
100
10k
100
µs/DIV
VOUT
2V/DIV
OFF
1502-3.3 G09
ON
VIN = 1.25V
RLOAD = 10k
TA = 25°C
VCTRL
VIN = 1.25V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com