Electronic Components Datasheet Search
  English  ▼

X  

150233 Datasheet(PDF) 5 Page - Linear Technology

Part # 150233
Description  Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

150233 Datasheet(HTML) 5 Page - Linear Technology

  150233 Datasheet HTML 1Page - Linear Technology 150233 Datasheet HTML 2Page - Linear Technology 150233 Datasheet HTML 3Page - Linear Technology 150233 Datasheet HTML 4Page - Linear Technology 150233 Datasheet HTML 5Page - Linear Technology 150233 Datasheet HTML 6Page - Linear Technology 150233 Datasheet HTML 7Page - Linear Technology 150233 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1502-3.3
TEST CIRCUIT
APPLICATIONS INFORMATION
Regulator Operation
The LTC1502-3.3 uses a quadrupler charge pump DC/DC
converter to produce a boosted output voltage. The
quadrupler charge pump consists of two voltage doubler
charge pumps (CP1 and CP2 on the Block Diagram)
cascaded in series. CP1 doubles the input voltage VIN and
the CP1 output voltage is stored on external capacitor C2.
The C2 pin also serves as the input for doubler CP2 whose
output is stored on the output capacitor COUT. Each
doubler is controlled by a two-phase clock which is
generated in the Timing Control circuit. On phase one of
the clock, the flying capacitors C1 and C3 are charged to
their respective input voltages. On phase two each charged
flying capacitor is stacked on top of the input voltage and
discharged through an internal switch onto its respective
output. This sequence of charging and discharging the
CP1 and CP2 flying capacitors continues at the free
running oscillator frequency (500kHz typ) until the output
is in regulation.
Regulation is achieved by comparing the divided down
output voltage to a fixed voltage reference. The charge
pump clocks are disabled when the output voltage is
above the desired regulation point set by COMP1. When
the output has dropped below the lower trip point of
COMP1, the charge pump clocks are turned back on until
VOUT is boosted back into regulation.
Enhanced Start-Up
Enhanced start-up capability is provided by the COMP2
circuitry. COMP2 compares the divided down C2 voltage
to the input voltage VIN. The COMP2 output disables the
output charge pump CP2 whenever the divided C2 voltage
is lower than VIN. The CP2 output is thereby forced into a
high impedance state until the voltage on C2 has been
raised above VIN (the C2 pin should not be loaded for
proper start-up). This allows a higher internal gate drive
voltage to be generated (from the C2 pin) before the output
(VOUT) is connected to a load. Hysteresis in COMP2 forces
CP2 to be turned ON and OFF while COUT is charging up to
prevent a lockup condition if C2 droops too low during
start-up. By the time the output nears the regulation point,
the C2 voltage is well above the lower trip point of COMP2
and CP2 will remain enabled. This method of disabling the
output charge pump while an internal boosted gate drive
supply is developed allows the part to start up at low
voltages with a larger output current load than would
otherwise be possible.
Shutdown
Shutdown is implemented using an external pull-down
device on the C1–/SHDN pin. The recommended external
pull-down device is an open-drain FET with resistive cur-
rent limiting (see Figure 1). The pull-down device must sink
up to 300
µA and pull down below 0.2V to ensure proper
shutdown operation, however, the actual series resistance
is not critical. The pull-down device must also go into a Hi-
Z state for the LTC1502-3.3 to become active.
The timing control circuitry forces the CP1 switches into
a high impedance state every 16 clock cycles. The Hi-Z
duration is equal to one clock cycle. At the end of the
Hi-Z time interval, the voltage on the C1–/SHDN pin is
sampled. If the C1–/SHDN pin has been pulled to a logic
low state, the part will go into shutdown mode. When the
pull-down device is disabled, an internal pull-up current
1
2
3
1502-3.3 TC
4
8
7
1
µF
100
Ω
6
5
VIN
GND
100pF
SWITCH
CLOSED FOR
SHUTDOWN
1
µF
10
µF
10
µF
10
µF
IOUT
VIN
LTC1502-3.3
C2
C1+
C1–/SHDN
VOUT
C3+
C3 –



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com