Electronic Components Datasheet Search
  English  ▼

X  

DS850-3 Datasheet(PDF) 2 Page - Emerson Network Power

Part # DS850-3
Description  Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS850-3 Datasheet(HTML) 2 Page - Emerson Network Power

  DS850-3 Datasheet HTML 1Page - Emerson Network Power DS850-3 Datasheet HTML 2Page - Emerson Network Power DS850-3 Datasheet HTML 3Page - Emerson Network Power DS850-3 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 01.24.07
DS850-3
2of 4
Embedded Power for
Business-Critical Continuity
Ordering Information
O
Ou
uttp
pu
utt
N
No
om
miin
na
all O
Ou
uttp
pu
utt
V
Vo
olltta
ag
ge
e S
Se
ett P
Po
oiin
ntt
S
Se
ett P
Po
oiin
ntt
T
To
olle
erra
an
ncce
e
T
To
otta
all
R
Re
eg
gu
ulla
attiio
on
n
M
Miin
niim
mu
um
m
C
Cu
urrrre
en
ntt
M
Ma
axxiim
mu
um
m
C
Cu
urrrre
en
ntt
O
Ou
uttp
pu
utt R
Riip
pp
plle
e
P
P//P
P
DS850-3
12.0vdc
3.3vsb*
±0.2%
±1%
±5%
±5%
0A
0A
70A
6.0A
120mV
50mV
*For 5vsb, consult marketing.
Logic Control
PS_SEATED
TTL logic LOW if power supply is seated into system
connector. This is a short pin. A logic HIGH if the PSU is
removed.
PWR GOOD
Active TTL HiIGH when output is within regulation limits.
AC OK
A LOW logic level if the input voltage is within allowable
limits. A TTL logic HIGH level, and a 5mS early warning
signal before 12.0v DC output loss of regulation.
Temp OK
A TTL logic HIGH, when operating within allowable
temperature range.
PS_INHIBIT/PS_KILL
This signal is connected to a short pin on the PSU
When left open power supply operation will be inhibited.
When the power supply is inserted into the system, this
pin will be pull low by the system and turn the power sup-
ply on only after all other power supply pins have seated.
Operating temperature:
-10° to 50°C ; 50% power derating at 70°C
Storage temperature:
-40°C to +85°C
Altitude, operating 10,000ft.
Electromagnetic
susceptibility / Input transients:
-EN61000-3-2, -3-3
-EN61000-4-2, 4.3, 4-4, -4-5, 4-11 Level
-EN55024:1998
RoHS & lead-free compliant (no tantalum caps.)
Humidity:
20 to 90% RH, non-condensing
Shock and vibration specificatons complies with Astec Std. Specifications, Q3205
MTBF (Demonstrated)
500K Hrs at full load, 40°C
Environmental Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com