Electronic Components Datasheet Search
  English  ▼

X  

DS850-3 Datasheet(PDF) 3 Page - Emerson Network Power

Part # DS850-3
Description  Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS850-3 Datasheet(HTML) 3 Page - Emerson Network Power

  DS850-3 Datasheet HTML 1Page - Emerson Network Power DS850-3 Datasheet HTML 2Page - Emerson Network Power DS850-3 Datasheet HTML 3Page - Emerson Network Power DS850-3 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. 01.24.07
DS850-3
3of 4
Embedded Power for
Business-Critical Continuity
.315"
(8.0)
7.48"
(190.0)
3.09"
(78.5)
.767"
(19.5)
(3X) 3.09"
(78.5)
(15.5)
(40.5)
(65.5)
3.09"
(78.5)
.649
(16.5)
1.58"
(40.2)
CLIP COMPRESSED
AIRFLOW DIRECTION
BI-COLOR LED
11.0" ± .02"
(279.4 ±0.5)
10.85" ±.03"
(275.5 ±0.7)
.354"
(9.0)
.256"
(6.5)
.236"
(6.0)
1.57" ±.02"
(39.9 ±0.5)
.142" ±.02"
(3.6 ±0.5)
3.20" ±.02"
(81.3) ±0.5
1.60"
(40.7)
.275"
(7.0)
(2X) 3.30" ±.03"
(83.8 ±0.7)
.897" ±.02
(22.8 ± 0.6)
.638" ±.02"
(16.2 ±0.6)
SEE NOTE 3
FULL R
Condition
LED Status
+3V3SB-ON; +12VOUT-OFF; A
AC
C P
PR
RE
ES
SE
EN
NT
T
Blinking Green
+3V3SB-ON, +12VOUT-ON
Solid Green
+
+1
12
2V
V_
_O
OC
CP
P,, +
+1
12
2V
V_
_U
UV
VP
P,, +
+1
12
2O
OV
VP
P
Blinking Red
FFA
AN
N_
_FFA
AU
ULLT
T,, O
OT
TP
P,, 3
3V
V3
3 O
OC
CP
P//U
UV
VP
P
Solid Red
Mechanical Drawing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com