Electronic Components Datasheet Search
  English  ▼

X  

DS850-3 Datasheet(PDF) 4 Page - Emerson Network Power

Part # DS850-3
Description  Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS850-3 Datasheet(HTML) 4 Page - Emerson Network Power

  DS850-3 Datasheet HTML 1Page - Emerson Network Power DS850-3 Datasheet HTML 2Page - Emerson Network Power DS850-3 Datasheet HTML 3Page - Emerson Network Power DS850-3 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. 01.24.07
DS850-3
4of 4
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2007 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Astec
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Technical Support: +1 888 41 ASTEC
or +1 407 241 2752
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Units 2111-2116, Level 21
Tower 1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: +852 2699 2868
Facsimile: +852 2699 1770
For global contact, visit:
www.astecpower.com
technicalsupport@astec.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Astec
assumes no responsibility, and disclaims all liability
for damages resulting from use of this information
or for any errors or omissions.
Printed in US A
DC Output Connector Pinout Assignment
P
Piin
n
S
Siig
gn
na
all N
Na
am
me
e
PB 1
+12V RETURN
PB 2
+12V RETURN
PB 3
+12V RETURN
PB 4
+12V
PB 5
+12V
PB 6
+12V
A1
PS_ON
A2
+12V RMT SENSE RETURN
A3
TEMP_OK
A4
PS_SEATED ( Power Supply Seated)
A5
+3V3 STAND-BY
A6
+3V3SB RETURN
B1
AC_OK (AC Input Present)
B2
+12V RMT SENSE
B3
+12V CURRENT SHARE
B4
PS_INHIBIT
B5
+3V3 STAND-BY
B6
+3V3SB RETURN
C1
SDA (I2C Data Signal)
C2
SCL (I2C Clock Signal)
C3
POWER GOOD
C4
FAN FAIL (Fan Fail Signal)
C5
+3V3 STAND-BY
C6
+3V3SB RETURN
D1
A0 (I2C Address BIT 0 Signal)
D2
A1 (I2C Address BIT 1 Signal)
D3
S_INT (Alarm)
D4
+3V3 STAND-BY RMT SENSE
D5
+3V3 STAND-BY
D6
+3V3SB RETURN
P
P1
1 -- P
Po
ow
we
err S
Su
up
pp
pllyy S
Siid
de
e
1. FCI Power Blade 51721 series
51721-10002406AA
2. Molex Power Connector
SD-87667 series
87667-7002
M
Ma
attiin
ng
g C
Co
on
nn
ne
ecctto
orr ((S
Syysstte
em
m ssiid
de
e))
1.FCI Power Blade
51741-10002406CC
Strait Pins
2.FCI Power Blade
51761-10002406AA
Right Angle
D1
D2
D3
D4
D5
D6
PB1 PB2 PB3 PB4 PB5 PB6
C1
C2
C3
C4
C5
C6
B1
B2
B3
B4
B5
B6
A1
A2
A3
A4
A5
A6
Male connector as viewed from the rear of the supply:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com