Electronic Components Datasheet Search
  English  ▼

X  

DS1500-3 Datasheet(PDF) 2 Page - Emerson Network Power

Part # DS1500-3
Description  Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS1500-3 Datasheet(HTML) 2 Page - Emerson Network Power

  DS1500-3 Datasheet HTML 1Page - Emerson Network Power DS1500-3 Datasheet HTML 2Page - Emerson Network Power DS1500-3 Datasheet HTML 3Page - Emerson Network Power DS1500-3 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 01.11.06
DS1500-3
2of 4
Embedded Power for
Business-Critical Continuity
Ordering Information
O
Ou
uttp
pu
utt
N
No
om
miin
na
all O
Ou
uttp
pu
utt
V
Vo
olltta
ag
ge
e S
Se
ett P
Po
oiin
ntt
S
Se
ett P
Po
oiin
ntt
T
To
olle
erra
an
ncce
e
T
To
otta
all
R
Re
eg
gu
ulla
attiio
on
n
M
Miin
niim
mu
um
m
C
Cu
urrrre
en
ntt
M
Ma
axxiim
mu
um
m
C
Cu
urrrre
en
ntt
O
Ou
uttp
pu
utt R
Riip
pp
plle
e
P
P//P
P
Main (>90VAC)
12.00vdc
±0.2%
±3%
0A
74A
120mV
Main (180VAC)
12.00vdc
±0.2%
±3%
1.0A
123A
120mV
Std-By
3.3vdc
±1%
±3%
0.5A
7.0A
50mV
Logic Control
PS_ON
An active low signal that turns on the 12vdc power rail. When this signal
High, or left open, the 12vdc output turn off. The 3.3Vsb output remains on.
POK
Is a power good signal to be pulled low by the power supply to indicate that
all the outputs are within regulation limits of the power supply. (turn-on
delay 100 - 500mS)
PS FAIL
In the event of a power supply failure (OVP at any output, UV at any output,
OTP or other electrical failure), this signal shall go to a High state.
AC OK
High when AC is not OK, Low if AC is OK
PRESENT
Low i f PSU is Present, High if not Present; Pull high in system.
FAN FAIL
Low if one or both fans have failed
PS_KILL
This pin shall quickly turn off the power supply and prevent arching of
the DC output contacts.
Operating temperature:
-10° to 50°C ; 50% power derating at 70°C
Storage temperature:
-40°C to +85°C
Altitude, operating 10,000ft.
Electromagnetic
susceptibility / Input transients:
EN61000-3-2, -3-3
EN61000-4-2, 4.3, 4-4, -4-5, 4-11 Level
EN55024:1998
RoHS, RS5
Humidity:
5 to 95% RH, non-condensing
Shock and vibration specificatons complies with Astec Std. Specifications, Q3205
MTBF (Demonstrated)
500K Hrs at full load, 50°C
Anti-smoke Emission
Due to internal overload or internal failures
Fan life:
70,000 hrs @ 40°C
Environmental Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com