Electronic Components Datasheet Search
  English  ▼

X  

DS1500-3 Datasheet(PDF) 4 Page - Emerson Network Power

Part # DS1500-3
Description  Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS1500-3 Datasheet(HTML) 4 Page - Emerson Network Power

  DS1500-3 Datasheet HTML 1Page - Emerson Network Power DS1500-3 Datasheet HTML 2Page - Emerson Network Power DS1500-3 Datasheet HTML 3Page - Emerson Network Power DS1500-3 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. 01.11.06
DS1500-3
4of 4
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2006 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Astec Power
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Technical Support: +1 888 41 ASTEC
or +1 407 241 2752
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Units 2111-2116, Level 21
Tower 1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: +852 2437 9662
Facsimile: +852 2402 4426
For global contact, visit:
www.astecpower.com
technicalsupport@astec.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Astec
Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Printed in US A
DC Output Connector Pinout Assignment
Pin
Signal Name
PB P1
+12V
PB P2
+12V RETURN
(Pre-mate)
PB P3
+12V
PB P4
+12V RETURN
(Pre-mate)
PB P5
+12V
PB P6
+12V RETURN
(Pre-mate)
PB P7
+12V
PB P8
+12V RETURN
(Pre-mate)
A1
+3V3 STAND-BY
A2
+3V3SB RETURN
A3
PS_PRESENT ( Power Supply Seated) - (short pin)
A4
POK (Output Power Ok)
A5
PS FAIL (Failure Signal)
A6
SPARE
A7
SPARE
B1
+3V3 STAND-BY
B2
+3V3SB RETURN
B3
PSON (Power Enable Signal)
B4
PSKILL (Power Supply Fast Shutdown) - (short pin)
B5
SDA (I2C Data Signal
B6
A2 (I2C Address BIT 2 Signal)
B7
FAN FAIL (Fan Fail Signal)
C1
+3V3 STAND-BY
C2
+3V3SB RETURN
C3
AC OK (AC Input Present)
C4
+12V RMT SENSE
C5
+12V RMT SENSE RETURN
C6
A1 (I2C Address BIT 1 Signal)
C7
+3V3 STAND-BY RMT SENSE Return (-)
D1
+3V3 STAND-BY
D2
+3V3SB RETURN
D3
12IS (+12V Current Share)
D4
SPARE
D5
SCL (I2C Clock Signal)
D6
A0 (I2C Address BIT 0 Signal)
D7
+3V3 STAND-BY RMT SENSE (+)
P
P1
1 -- U
Un
niitt
FCI Power blade FCI p/n
51939-055
P
P1
1 -- M
Ma
atte
e
Mating Connector
(System side)
FCI Power blade
Part number 51915-023
Male connector as viewed from the rear of the supply
AC Input Connector
EN60320 Type C14



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com