Electronic Components Datasheet Search
  English  ▼

X  

DS1500-3 Datasheet(PDF) 3 Page - Emerson Network Power

Part # DS1500-3
Description  Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS1500-3 Datasheet(HTML) 3 Page - Emerson Network Power

  DS1500-3 Datasheet HTML 1Page - Emerson Network Power DS1500-3 Datasheet HTML 2Page - Emerson Network Power DS1500-3 Datasheet HTML 3Page - Emerson Network Power DS1500-3 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. 01.11.06
DS1500-3
3of 4
Embedded Power for
Business-Critical Continuity
NOTE: Dimensions given in mm and inches.
19.3
(162.9)
65.5
2.58"
143.3
5.65"
124.45
4.90"
(4X) EMI CLIP
LAIRD 77-020
AC INLET 15A C14
STATUS
LED
INDICATORS
TYCO P/N 1-1450330-8 OR
FCI P/N 51939-055
190.5
7.5"
AIRFLOW DIRECTION
AC CABLE
RETAINER
BLACK
HF GREEN
EMI CLIP
LAIRD 771062031
165.6
6.52"
MODEL LABEL
7.2
0.283"
71.1
2.80"
(2X) EMI CLIP
LAIRD 77-020
3D VIEW
Power Supply LED's
Power Supply Condition
PWR
(green)
FAIL
(amber)
No AC power to all PSU
Off
Off
No AC power to this PSU only (includes No
output, over voltage, over temperature)
OFF
On
AC present / Standby Output On
Blinking
Off
Power supply DC outputs ON and OK
ON
Off
Power supply failure (over current)
OFF
Blinking



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com