Electronic Components Datasheet Search
  English  ▼

X  

LDO10C Datasheet(PDF) 1 Page - Emerson Network Power

Part # LDO10C
Description  10 A output current rating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LDO10C Datasheet(HTML) 1 Page - Emerson Network Power

  LDO10C Datasheet HTML 1Page - Emerson Network Power LDO10C Datasheet HTML 2Page - Emerson Network Power LDO10C Datasheet HTML 3Page - Emerson Network Power LDO10C Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Embedded Power for
Business-Critical Continuity
LDO10C Series
50 Watts
Special Features
• 10 A output current rating
• Input voltage range:
3-13.8 Vdc
• Adjustable out voltage:
0.59-5.1 V
• Factory set with power good
option
• Excellent transient response
• Power enable
• Minimum airflow
• Small package
• Termination voltage
capability
• RoHS compliant
Total Power:
50 Watts
Input Voltage:
3-13.8 Vdc
No. of Outputs: Single
Output
SXX06E
Rev. 08.01.06
Page 1 of 2
Electrical Specifications
Output voltage
See Note 5
0.59-5.1 V
Output setpoint accuracy
0.1% trim resistors
±1.0%
Line regulation
Low line to high line
±0.2%
Load regulation
Full load to min. load
±0.5%
Min./max. load
0 A/10 A
Overshoot
At turn-on
0.5% max.
Undershoot
At turn-off
100 mV max.
Ripple and noise
5 Hz to 20 MHz
See Note 1
20 mV
Vin=5 V, Vout=2.5 V
Transient response
See Notes 1, 2
130 mV max. deviation
15 μs recovery to within
regulation band
Input voltage range
3-13.8 Vdc
Input current
Minimum load
Remote OFF
50 mA
5 mA
Input current (max.)
See Note 3
10 A @ lo max.
Start-up time
Power up
Remote ON/OFF
3 ms
2 ms
Efficiency
Vin=5 V, Vo=2.5 V, lo=10 A
91%
Switching frequency
Fixed
620 kHz
Material flammability
UL94V-0
Weight
1.899 g (0.067 oz.)
MTBF
12 V @ 40 °C, 100% load
Bellcore 332
8,220,210 hours
Coplanarity
Surface mount models
150μm
Input
Rev. 09.03.08
LDO10C
1 of 4
Safety
UL, cUL 60950-1
TÜV Product Service (EN60950)
Certificate No. TBD
CB Report and
Certificate to IEC60950
General


Similar Part No. - LDO10C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO10C ARTESYN-LDO10C Datasheet
651Kb / 20P
Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
logo
Advanced Energy Industr...
LDO10C ADVANCEDENERGY-LDO10C Datasheet
592Kb / 6P
50 Watts
logo
Artesyn Technologies
LDO10C-005W05-HJ ARTESYN-LDO10C-005W05-HJ Datasheet
651Kb / 20P
Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
LDO10C-005W05-HJ ARTESYN-LDO10C-005W05-HJ Datasheet
748Kb / 4P
Power enable (5-pin model)
LDO10C-005W05-HJ ARTESYN-LDO10C-005W05-HJ Datasheet
748Kb / 4P
Total Power: 50 Watts
More results

Similar Description - LDO10C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
6 A output current rating
SIL10E-05W3V3 EMERSON-NETWORKPOWER-SIL10E-05W3V3 Datasheet
622Kb / 4P
10 A Current rating
logo
Assmann Electronics Inc...
AWP-30-7540-T ASSMANN-AWP-30-7540-T Datasheet
168Kb / 1P
Current Rating
AWP-30-8540-T ASSMANN-AWP-30-8540-T Datasheet
133Kb / 1P
Current Rating
logo
Artesyn Technologies
LGA03C-00SADJJ ARTESYN-LGA03C-00SADJJ Datasheet
712Kb / 4P
3, 6, 10 and 20 A output current rating Power
logo
SynQor Worldwide Headqu...
MQHE-28E-P SYNQOR-MQHE-28E-P Datasheet
7Mb / 17P
10 amps output current
logo
Amphenol Corporation
C-L17DM53744207 AMPHENOL-C-L17DM53744207 Datasheet
138Kb / 1P
current rating-10 to 20a
C-L17DM53744207C309 AMPHENOL-C-L17DM53744207C309 Datasheet
106Kb / 1P
current rating-10 to 20a
logo
Analog Devices
DAC100 AD-DAC100 Datasheet
178Kb / 5P
10-Bit Current output D to A Converter
30-Jun-2000
logo
DATEL, Inc.
FT10-100 DATEL-FT10-100 Datasheet
97Kb / 1P
FT series, 10 A Output Current, Filter Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com