Electronic Components Datasheet Search
  English  ▼

X  

LDO10C Datasheet(PDF) 3 Page - Emerson Network Power

Part # LDO10C
Description  10 A output current rating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LDO10C Datasheet(HTML) 3 Page - Emerson Network Power

  LDO10C Datasheet HTML 1Page - Emerson Network Power LDO10C Datasheet HTML 2Page - Emerson Network Power LDO10C Datasheet HTML 3Page - Emerson Network Power LDO10C Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. 09.03.08
LDO10C
3 of 4
Embedded Power for
Business-Critical Continuity
Vertical Mount
Mechanical Drawings
Horizontal Mount
Dimensions in inches (mm). Tolerances es (unless otherwise specified) 2 Places ±0.030 (±0.76) 3 Places ±0.010 (±0.25)
0.071 (1.80)
0.650 (16.51)
0.410 (10.41)
4X 0.067 TYP (1.70)
0.16 ± 0.010 (4 ± 0.25)
PIN 1
0.050 (1.27) TYP
0.062 (1.57) REF
0.45 (11.35)
0.055 (1.40) REF
0.025 (0.64) ± .001
SQ PINS TYP
PIN 5
0.062 (1.57)
0.025 (0.64)± .001
SQ PIN TYP
0.52 (13.13)
0.125 (3.18) TYP
0.055 (1.40) REF
REF
0.071 (1.80)
0.650 (16.51)
0.410 (10.41)
4X 0.067 (1.70)
TYP
0.035 (0.89)
0.050 (1.27)
0.580 (14.73)
Pin 1
PIN 5
PIN 6
0.125 (3.05) TYP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com