Electronic Components Datasheet Search
  English  ▼

X  

LDO10C Datasheet(PDF) 4 Page - Emerson Network Power

Part # LDO10C
Description  10 A output current rating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LDO10C Datasheet(HTML) 4 Page - Emerson Network Power

  LDO10C Datasheet HTML 1Page - Emerson Network Power LDO10C Datasheet HTML 2Page - Emerson Network Power LDO10C Datasheet HTML 3Page - Emerson Network Power LDO10C Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. 09.03.08
LDO10C
4 of 4
Embedded Power for
Business-Critical Continuity
SXX06E
Rev. 08.01.06
Page 1 of 2
Surface Mount
Pin Assignments
Single Output
1. Enable
2. Vin
3. Common/RTN
4. Vout
6. Mech Pin (Horz/SMT only)
5. PG/Trim
Mechanical Drawings (Cont'd)
0.410 (10.41)
0.650 (16.51)
0.035 (0.89)
REF
0.062 (1.57) REF
0.040 (1.02)
REF
0.52 (13.13)
0.055 (1.40) REF
0.125 (3.18) TYP
0.025 (0.64) REF
1
7
6
5
LDO10C-
005W05-
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2008 Emerson Electric Co.
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
*This is a Preliminary Datasheet. Emerson Network
Power reserves the right to make changes to the
information contained herein without notice and
assumes no liability as a result of its use or application.
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
16th - 17th Floors, Lu Plaza
2 Wing Yip Street, Kwun Tong
Kowloon, Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
For technical support, visit:
http://www.powerconversion.
com/support/product/
technical-support.php
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com