Electronic Components Datasheet Search
  English  ▼

X  

LTM8022 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8022
Description  1A, 36V DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8022 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8022 Datasheet HTML 3Page - Linear Technology LTM8022 Datasheet HTML 4Page - Linear Technology LTM8022 Datasheet HTML 5Page - Linear Technology LTM8022 Datasheet HTML 6Page - Linear Technology LTM8022 Datasheet HTML 7Page - Linear Technology LTM8022 Datasheet HTML 8Page - Linear Technology LTM8022 Datasheet HTML 9Page - Linear Technology LTM8022 Datasheet HTML 10Page - Linear Technology LTM8022 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTM8022
7
8022fb
OPERATION
The LTM8022 is a standalone non-isolated step-down
switching DC/DC power supply. It can deliver up to 1A of
DC output current with only bulk external input and output
capacitors. This module provides a precisely regulated
output voltage programmable via one external resistor
from 0.8VDC to 10VDC. The input voltage range is 3.6V
to 36V. Given that the LTM8022 is a step-down converter,
make sure that the input voltage is high enough to support
the desired output voltage and load current. A simplified
Block Diagram is shown above.
The LTM8022 contains a current mode controller, power
switching element, power inductor, power Schottky diode
and a modest amount of input and output capacitance.
The LTM8022 is a fixed frequency PWM regulator. The
switching frequency is set by simply connecting the ap-
propriate value resistor from the RT pin to GND.
An internal regulator provides power to the control cir-
cuitry. The bias regulator normally draws power from the
VIN pin, but if the BIAS pin is connected to an external
voltage higher than 2.4V, bias power will be drawn from
the external source (typically the regulated output voltage).
This improves efficiency. The RUN/SS pin is used to place
the LTM8022 in shutdown, disconnecting the output and
reducing the input current to less than 1μA.
To further optimize efficiency, the LTM8022 automatically
switches to Burst Mode operation in light load situations.
Between bursts, all circuitry associated with controlling the
output switch is shut down reducing the input supply cur-
rent to 50μA in a typical application. The oscillator reduces
the LTM8022’s operating frequency when the voltage at the
ADJ pin is low. This frequency foldback helps to control
the output current during start-up and overload.
The LTM8022 contains a power good comparator which
trips when the ADJ pin is at 92% of its regulated value.
The PG output is an open-collector transistor that is off
when the output is in regulation, allowing an external
resistor to pull the PG pin high. Power good is valid when
the LTM8022 is enabled and VIN is above 3.6V.
BLOCK DIAGRAM
VIN
8022 BD
BIAS
AUX
PG
CURRENT MODE
CONTROLLER
VOUT
10μF
4.7pF
4.7μH
0.1μF
499k
SYNC
RUN/SS
SHARE
RT
ADJ
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com