Electronic Components Datasheet Search
  English  ▼

X  

LTM8022 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8022
Description  1A, 36V DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8022 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8022 Datasheet HTML 2Page - Linear Technology LTM8022 Datasheet HTML 3Page - Linear Technology LTM8022 Datasheet HTML 4Page - Linear Technology LTM8022 Datasheet HTML 5Page - Linear Technology LTM8022 Datasheet HTML 6Page - Linear Technology LTM8022 Datasheet HTML 7Page - Linear Technology LTM8022 Datasheet HTML 8Page - Linear Technology LTM8022 Datasheet HTML 9Page - Linear Technology LTM8022 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM8022
6
8022fb
PIN FUNCTIONS
VIN (Bank 1): The VIN pin supplies current to the LTM8022’s
internal regulator and to the internal power switch. This
pin must be locally bypassed with an external, low ESR
capacitor of at least 2.2μF.
VOUT (Bank 2): Power Output Pins. Apply the output filter
capacitor and the output load between these pins and
GND pins.
AUX (Pin F5): Low current voltage source for BIAS. In
many designs, the BIAS pin is simply connected to VOUT.
The AUX pin is internally connected to VOUT and is placed
adjacent to the BIAS pin to ease printed circuit board rout-
ing. Although this pin is internally connected to VOUT, do
NOT connect this pin to the load. If this pin is not tied to
BIAS, leave it floating. The Application Information sec-
tion gives specific information about the BIAS and AUX
connections
BIAS (Pin G5): The BIAS pin connects to the internal power
bus. Connect to a power source greater than 2.4V. If the
output is greater than 2.4V, connect this pin there. If the
output voltage is less, connect this to a voltage source
between 2.4V and 30V. Also, make sure that BIAS + VIN
is less than 56V.
RUN/SS (Pin H5): Tie RUN/SS pin to ground to shut down
the LTM8022. Tie to 2.5V or more for normal operation.
If the shutdown feature is not used, tie this pin to the VIN
pin. RUN/SS also provides a soft-start function; see the
Applications Information section.
GND (Bank 3): Tie these GND pins to a local ground plane
below the LTM8022 and the circuit components. Return
the feedback divider (RADJ) to this pin.
RT (Pin G7): The RT pin is used to program the switching
frequency of the LTM8022 by connecting a resistor from
this pin to ground. The Applications Information section of
the data sheet includes a table to determine the resistance
value based on the desired switching frequency. Minimize
capacitance at this pin.
SHARE (Pin F7): Tie this to the SHARE pin of another
LTM8022 when paralleling the outputs. Otherwise, leave
this pin floating.
SYNC (Pin G6): External Clock Synchronization Input.
Ground this pin for low ripple Burst Mode® operation at
low output loads, or connect to a stable voltage source
above 0.7V to disable Burst Mode operation. Do not leave
this pin floating. Tie to a clock source for synchronization.
Clock edges should have rise and fall times faster than
1μs. See Synchronization in the Applications Information
section.
PG (Pin H6): Open Collector Output of an Internal Com-
parator. PG remains low until the ADJ pin is within 10%
of the final regulation voltage. PG output is valid when VIN
is above 3.6V and RUN/SS is high. If this function is not
used, leave this pin floating.
ADJ (Pin H7): The LTM8022 regulates its ADJ pin to 0.79V.
Connect the adjust resistor from this pin to ground. The
value of RADJ is given by the equation, RADJ = 394.21/(VOUT
– 0.79), where RADJ is in kΩ.
Burst Mode is a registered trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com