Electronic Components Datasheet Search
  English  ▼

X  

LTM8022 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8022
Description  1A, 36V DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8022 Datasheet(HTML) 4 Page - Linear Technology

  LTM8022 Datasheet HTML 1Page - Linear Technology LTM8022 Datasheet HTML 2Page - Linear Technology LTM8022 Datasheet HTML 3Page - Linear Technology LTM8022 Datasheet HTML 4Page - Linear Technology LTM8022 Datasheet HTML 5Page - Linear Technology LTM8022 Datasheet HTML 6Page - Linear Technology LTM8022 Datasheet HTML 7Page - Linear Technology LTM8022 Datasheet HTML 8Page - Linear Technology LTM8022 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTM8022
4
8022fb
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load (8VOUT)
Efficiency vs Load (5VOUT)
Efficiency vs Load (3.3VOUT)
Minimum Required Input Voltage
vs Output Voltage, IOUT = 1A
Output Start-up Waveform
VIN = 36V, 5VOUT, IOUT = 1A
Output Start-up Waveform
VIN = 36V, 3.3VOUT, IOUT = 1A
Input Current vs Output
Current (8VOUT)
Input Current vs Output
Current (5VOUT)
Input Current vs Output
Current (3.3VOUT)
(TA = 25°C, unless otherwise noted)
OUTPUT CURRENT (A)
0.1
70
75
85
90
95
0.3
0.5 0.6
1.0
8022 G01
80
0.2
0.4
0.7 0.8 0.9
24VIN
12VIN
36VIN
OUTPUT CURRENT (A)
0.1
65
70
80
85
90
0.3
0.5 0.6
1.0
8022 G02
75
0.2
0.4
0.7 0.8 0.9
24VIN
12VIN
36VIN
OUTPUT CURRENT (A)
0.1
60
65
75
80
85
0.3
0.5 0.6
1.0
8022 G03
70
0.2
0.4
0.7 0.8 0.9
90
24VIN
12VIN
5VIN
36VIN
OUTPUT VOLTAGE (V)
0
2
3
5
6
7
12
9
6
28
4
8022 G04
4
10
11
8
10
VOUT
2V/DIV
IIN
0.2A/DIV
RUN/SS
5V/DIV
50μs/DIV
8022 G05
VOUT
2V/DIV
IIN
0.2A/DIV
RUN/SS
5V/DIV
50μs/DIV
8022 G06
OUTPUT CURRENT (mA)
0
300
400
500
600
1000
8022 G07
200
100
0
200
400
800
600
700
800
24VIN
36VIN
12VIN
OUTPUT CURRENT (mA)
0
300
400
500
800
8022 G08
200
100
250
350
450
150
50
0
200
400
600
1000
24VIN
36VIN
12VIN
OUTPUT CURRENT (mA)
0
0
100
300
400
500
400
800
1000
900
8022 G09
200
200
600
600
700
800
24VIN
36VIN
12VIN
5VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com