Electronic Components Datasheet Search
  English  ▼

X  

LTM8023 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM8023
Description  2A, 36V DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8023 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM8023 Datasheet HTML 5Page - Linear Technology LTM8023 Datasheet HTML 6Page - Linear Technology LTM8023 Datasheet HTML 7Page - Linear Technology LTM8023 Datasheet HTML 8Page - Linear Technology LTM8023 Datasheet HTML 9Page - Linear Technology LTM8023 Datasheet HTML 10Page - Linear Technology LTM8023 Datasheet HTML 11Page - Linear Technology LTM8023 Datasheet HTML 12Page - Linear Technology LTM8023 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTM8023
9
8023fb
APPLICATIONS INFORMATION
Table 1. Recommended Compoment Values and Configuration (TA = 25°C, IOUT = 2A)
VIN
VOUT
CIN
COUT
RADJ
BIAS
fOPTIMAL (kHz)
RT(OPTIMAL)
fMAX (kHz)
RT(MIN)
3.6V to 36V
0.82V
10μF
200μF 1206
13M
≥2.8V, <16V
250
150k
250
150k
3.6V to 36V
1.00V
10μF
147μF 1206
1.87M
≥2.8V, <16V
300
124k
300
124k
3.6V to 36V
1.20V
10μF
100μF 1206
953k
≥2.8V, <16V
350
105k
350
105k
3.6V to 36V
1.50V
10μF
100μF 1206
549k
≥2.8V, <16V
400
88.7k
400
88.7k
3.6V to 36V
1.80V
4.7μF
100μF 1206
383k
≥2.8V, <16V
450
79k
450
79k
3.6V to 36V
2.00V
2.2μF
68μF 1206
324k
≥2.8V, <16V
450
79k
500
69.8k
3.6V to 36V
2.20V
2.2μF
47μF 1206
274k
≥2.8V, <16V
500
69.8k
550
61.9k
4.1V to 36V
2.50V
2.2μF
47μF 1206
226k
≥2.8V, <16V
550
61.9k
615
54.9k
5.5V to 36V
3.30V
2.2μF
22μF 1206
154k
AUX
650
49.9k
750
42.2k
7.5V to 36V
5.00V
2.2μF
10μF 0805
93.1k
AUX
650
49.9k
890
34.8k
3.6V to 15V
0.82V
10μF
200μF 1206
13M
VIN
350
105k
650
49.9k
3.6V to 15V
1.00V
10μF
147μF 1206
1.87M
VIN
400
88.7k
725
43.2k
3.6V to 15V
1.20V
10μF
100μF 1206
953k
VIN
450
79k
800
39.2k
3.6V to 15V
1.50V
10μF
100μF 1206
549k
VIN
450
79k
1000
29.4k
3.6V to 15V
1.80V
4.7μF
100μF 1206
383k
VIN
450
79k
1100
26.7k
3.6V to 15V
2.00V
2.2μF
68μF 1206
324k
VIN
450
79k
1200
23.7k
3.6V to 15V
2.20V
2.2μF
47μF 1206
274k
VIN
500
69.8k
1300
21.0k
3.6V to 15V
2.50V
2.2μF
47μF 1206
226k
VIN
550
61.9k
1450
18.2k
5.5V to 15V
3.30V
2.2μF
22μF 1206
154k
AUX
650
49.9k
1400
19.6k
7.5V to 15V
5.00V
2.2μF
10μF 0805
93.1k
AUX
650
49.9k
1200
23.7k
9V to 24V
0.82V
10μF
200μF 1206
13M
≥2.8V, <16V
250
150k
250
150k
9V to 24V
1.00V
10μF
147μF 1206
1.87M
≥2.8V, <16V
300
124k
450
79k
9V to 24V
1.20V
2.2μF
100μF 1206
953k
≥2.8V, <16V
450
79k
500
69.8k
9V to 24V
1.50V
2.2μF
100μF 1206
549k
≥2.8V, <16V
450
79k
615
54.9k
9V to 24V
1.80V
2.2μF
100μF 1206
383k
≥2.8V, <16V
450
79k
700
44.2k
9V to 24V
2.00V
2.2μF
68μF 1206
324k
≥2.8V, <16V
450
79k
750
42.2k
9V to 24V
2.20V
2.2μF
47μF 1206
274k
≥2.8V, <16V
500
69.8k
800
39.2k
9V to 24V
2.50V
2.2μF
47μF 1206
226k
≥2.8V, <16V
550
61.9k
890
34.8k
9V to 24V
3.30V
2.2μF
22μF 1206
154k
AUX
650
49.9k
1150
25.5k
9V to 24V
5.00V
2.2μF
10μF 0805
93.1k
AUX
650
49.9k
1000
29.4k
14.5V to 24V
8.00V
2.2μF
10μF 0805
53.6k
AUX
650
49.9k
800
39.2k
18V to 36V
0.82V
10μF
200μF 1206
13M
≥2.8V, <16V
250
150k
250
150k
18V to 36V
1.00V
10μF
147μF 1206
1.87M
≥2.8V, <16V
300
124k
300
124k
18V to 36V
1.20V
2.2μF
100μF 1206
953k
≥2.8V, <16V
350
105k
350
105k
18V to 36V
1.50V
2.2μF
100μF 1206
549k
≥2.8V, <16V
400
88.7k
400
88.7k
18V to 36V
1.80V
2.2μF
100μF 1206
383k
≥2.8V, <16V
450
79k
450
79k
18V to 36V
2.00V
2.2μF
68μF 1206
324k
≥2.8V, <16V
450
79k
500
69.8k
18V to 36V
2.20V
2.2μF
47μF 1206
274k
≥2.8V, <16V
450
79k
550
61.9k
18V to 36V
2.50V
2.2μF
47μF 1206
226k
≥2.8V, <16V
500
69.8k
615
54.9k
18V to 36V
3.30V
2.2μF
22μF 1206
154k
AUX
650
49.9k
750
42.2k
18V to 36V
5.00V
2.2μF
10μF 0805
93.1k
AUX
800
39.2k
890
34.8k
18V to 36V
8.00V
2.2μF
10μF 0805
53.6k
AUX
650
49.9k
800
39.2k
20V to 36V
10.00V
2.2μF
10μF 0805
42.2k
AUX
615
54.9k
750
42.2k
4.75V to 32V
–3.30V
2.2μF
22μF 1206
154k
AUX
550
61.9k
800
39.2k
7V to 31V
–5.00V
2.2μF
10μF 0805
93.1k
AUX
800
39.2k
1100
26.7k
15V to 28V
–8.00V
2.2μF
10μF 0805
53.6k
AUX
800
39.2k
1600
15.8k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com