Electronic Components Datasheet Search
  English  ▼

X  

LTM8023 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM8023
Description  2A, 36V DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8023 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM8023 Datasheet HTML 10Page - Linear Technology LTM8023 Datasheet HTML 11Page - Linear Technology LTM8023 Datasheet HTML 12Page - Linear Technology LTM8023 Datasheet HTML 13Page - Linear Technology LTM8023 Datasheet HTML 14Page - Linear Technology LTM8023 Datasheet HTML 15Page - Linear Technology LTM8023 Datasheet HTML 16Page - Linear Technology LTM8023 Datasheet HTML 17Page - Linear Technology LTM8023 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTM8023
14
8023fb
Figure 6. A Well Chosen Input Network Prevents Input Voltage Overshoot and Ensures Reliable
Operation When the LTM8023 is Connected to a Live Supply
+
LTM8023
4.7μF
VIN
20V/DIV
IIN
10A/DIV
20μs/DIV
VIN
CLOSING SWITCH
SIMULATES HOT PLUG
IIN
(6a)
(6b)
LOW
IMPEDANCE
ENERGIZED
24V SUPPLY
STRAY
INDUCTANCE
DUE TO 6 FEET
(2 METERS) OF
TWISTED PAIR
+
LTM8023
4.7μF
0.1μF
0.7Ω
VIN
20V/DIV
IIN
10A/DIV
20μs/DIV
DANGER
RINGING VIN MAY EXCEED
ABSOLUTE MAXIMUM RATING
(6c)
+
LTM8023
4.7μF
22μF
35V
AI.EI.
8023 F06
VIN
20V/DIV
IIN
10A/DIV
20μs/DIV
+
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com