Electronic Components Datasheet Search
  English  ▼

X  

LTM8023 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8023
Description  2A, 36V DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8023 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8023 Datasheet HTML 2Page - Linear Technology LTM8023 Datasheet HTML 3Page - Linear Technology LTM8023 Datasheet HTML 4Page - Linear Technology LTM8023 Datasheet HTML 5Page - Linear Technology LTM8023 Datasheet HTML 6Page - Linear Technology LTM8023 Datasheet HTML 7Page - Linear Technology LTM8023 Datasheet HTML 8Page - Linear Technology LTM8023 Datasheet HTML 9Page - Linear Technology LTM8023 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM8023
6
8023fb
PIN FUNCTIONS
VIN (Bank 1): The VIN pin supplies current to the LTM8023’s
internal regulator and to the internal power switch. This
pin must be locally bypassed with an external, low ESR
capacitor of at least 2.2μF.
VOUT (Bank 2): Power Output Pins. Apply the output filter
capacitor and the output load between these pins and
GND pins.
AUX (Pin F5): Low Current Voltage Source for BIAS. In
many designs, the BIAS pin is simply connected to VOUT.
The VAUX pin is internally connected to VOUT and is placed
adjacent to the BIAS pin to ease printed circuit board rout-
ing. Although this pin is internally connected to VOUT, do
NOT connect this pin to the load. If this pin is not tied to
BIAS, leave it floating.
BIAS (Pin G5): The BIAS pin connects to the internal power
bus. Connect to a power source greater than 2.8V. If the
output is greater than 2.8V, connect this pin there. If the
output voltage is less, connect this to a voltage source
between 2.8V and 16V. Also, make sure that BIAS + VIN
is less than 56V.
RUN/SS (Pin H5): Tie RUN/SS pin to ground to shut down
the LTM8023. Tie to 2.5V or more for normal operation.
If the shutdown feature is not used, tie this pin to the VIN
pin. RUN/SS also provides a soft-start function; see the
Applications Information section.
GND (Bank 3): Tie these GND pins to a local ground plane
below the LTM8023 and the circuit components. Return
the feedback divider (RADJ) to this net.
RT (Pin G7): The RT pin is used to program the switching
frequency of the LTM8023 by connecting a resistor from
this pin to ground. The Applications Information section of
the data sheet includes a table to determine the resistance
value based on the desired switching frequency. Minimize
capacitance at this pin.
SHARE (Pin F7): Tie this to the SHARE pin of another
LTM8023 when paralleling the outputs. Otherwise, do
not connect.
SYNC (Pin G6): This is the external clock synchronization
input. Ground this pin for low ripple Burst Mode operation
at low output loads. Tie to a stable voltage source greater
than 0.7V to disable Burst Mode operation.
Do not leave
this pin floating. Tie to a clock source for synchronization.
Clock edges should have rise and fall times faster than 1μs.
See synchronizing section in Applications Information.
PGOOD (Pin H6): The PGOOD pin is the open-collector
output of an internal comparator. PG remains low until the
ADJ pin is within 10% of the final regulation voltage. PG
output is valid when VIN is above 3.6V and RUN/SS is high.
If this function is not used, leave this pin floating.
ADJ (Pin H7): The LTM8023 regulates its ADJ pin to 0.79V.
Connect the adjust resistor from this pin to ground. The
value of RADJ is given by the equation RADJ = 394.21/(VOUT
– 0.79), where RADJ is in k.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com