Electronic Components Datasheet Search
  English  ▼

X  

LTM8040 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM8040
Description  36V, 1A 關Module LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8040 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM8040 Datasheet HTML 8Page - Linear Technology LTM8040 Datasheet HTML 9Page - Linear Technology LTM8040 Datasheet HTML 10Page - Linear Technology LTM8040 Datasheet HTML 11Page - Linear Technology LTM8040 Datasheet HTML 12Page - Linear Technology LTM8040 Datasheet HTML 13Page - Linear Technology LTM8040 Datasheet HTML 14Page - Linear Technology LTM8040 Datasheet HTML 15Page - Linear Technology LTM8040 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTM8040
14
8040p
TYPICAL APPLICATIONS
Step Down 1A Drive with Single Red or White LED
Step Down 350mA Drive with Three Series Red LEDs
Step Down 1A Drive with Three White Series LEDs
GND
LTM8040
8040 TA02
VIN*
5.5V TO 25V
1μF
*RUNNING VOLTAGE. SEE APPLICATION INFORMATION
FOR START-UP REQUIREMENTS
LEDA
LPWR
2.5V TO 4V
1A
VIN
SHDN
BIAS
ADJ
PWM
RT
GND
LTM8040
8040 TA03
VIN*
10.5V TO 36V
1μF
2.87k
137k
750kHz
*RUNNING VOLTAGE. SEE APPLICATION INFORMATION
FOR START-UP REQUIREMENTS
LEDA
LPWR
BIAS
6V TO 9V
350mA
VIN
SHDN
ADJ
PWM
RT
GND
LTM8040
8040 TA04
VIN*
15.5V TO 36V
1μF
137k
750kHz
*RUNNING VOLTAGE. SEE APPLICATION INFORMATION
FOR START-UP REQUIREMENTS
LEDA
LPWR
BIAS
8V TO 12V
1A
VIN
SHDN
ADJ
PWM
RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com