Electronic Components Datasheet Search
  English  ▼

X  

LTM8040 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8040
Description  36V, 1A 關Module LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8040 Datasheet(HTML) 2 Page - Linear Technology

  LTM8040 Datasheet HTML 1Page - Linear Technology LTM8040 Datasheet HTML 2Page - Linear Technology LTM8040 Datasheet HTML 3Page - Linear Technology LTM8040 Datasheet HTML 4Page - Linear Technology LTM8040 Datasheet HTML 5Page - Linear Technology LTM8040 Datasheet HTML 6Page - Linear Technology LTM8040 Datasheet HTML 7Page - Linear Technology LTM8040 Datasheet HTML 8Page - Linear Technology LTM8040 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTM8040
2
8040p
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................................36V
BIAS..........................................................................25V
BIAS + VIN.................................................................51V
LEDA.........................................................................15V
PWM .........................................................................10V
ADJ .............................................................................6V
SHDN........................................................................36V
SHDN Above VIN .........................................................6V
BIAS Current ...............................................................1A
Internal Operating Temperature (Note 2).... –40 to 125°C
Storage Temperature Range....................... –45 to 125°C
(Note 1)
PIN CONFIGURATION
LEAD FREE FINISH
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE (NOTE 3)
LTM8040EV#PBF
LTM8040V
60-Lead 15mm × 9mm LGA Package
0°C to 125°C
LTM8040IV#PBF
LTM8040V
60-Lead 15mm × 9mm LGA Package
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
3.5
4
V
Input Quiescent Current
Not Switching
2.6
4
mA
Shutdown Current
SHDN =0.3V, BIAS = 0V, LEDA = 0V
0.01
2
μA
LEDA Current
ADJ open
RADJ = 5.11k
l
l
0.98
0.965
0.49
0.481
1
0.5
1.02
1.035
0.51
0.525
A
A
A
A
ADJ Bias Current
ADJ = 0V, Current flows out of pin
24.5
μA
ADJ Pull-up Resistor
5
5.11
5.22
kΩ
Switching Frequency
RT open
470
500
530
kHz
SHDN Threshold
VIH
VIL
2.60
1
V
V
PWM Threshold
VIH
VIL
0.4
1.2
V
V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, BIAS = LPWR, VOUT = 4V, ADJ open, RT open, VPWM = 5V,
unless otherwise noted (Note 3).
ORDER INFORMATION
VIN
BANK 3
LEDA
BANK 1
GND
BANK 2
PWM
SHDN
ADJ
RT
BIAS
GND
LPWR
TJMAX = 125°C, θJA = 250°C/W, WEIGHT = 1.083g
60 Lead (15mm × 9mm × 2.82mm)
θJA DERIVED FROM 6.35cm × 6.35cm 4 LAYER PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com