Electronic Components Datasheet Search
  English  ▼

X  

LTM8040 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8040
Description  36V, 1A 關Module LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8040 Datasheet(HTML) 4 Page - Linear Technology

  LTM8040 Datasheet HTML 1Page - Linear Technology LTM8040 Datasheet HTML 2Page - Linear Technology LTM8040 Datasheet HTML 3Page - Linear Technology LTM8040 Datasheet HTML 4Page - Linear Technology LTM8040 Datasheet HTML 5Page - Linear Technology LTM8040 Datasheet HTML 6Page - Linear Technology LTM8040 Datasheet HTML 7Page - Linear Technology LTM8040 Datasheet HTML 8Page - Linear Technology LTM8040 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTM8040
4
8040p
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Start Voltage vs Load
3.3V at 1A LEDs
SHDN Current vs Voltage
BIAS Current vs Load Current
12VIN, Single 2.7V at 1A LED
BIAS Current vs Load Current
24VIN, Three 3.3V at 1A LEDs
Temp Rise vs Load 2.7V at 1A
LEDs, 12VIN
Minimum Running Voltage vs
Output Voltage 2.7V at 1A LEDs
Minimum Running Voltage vs
Output Voltage 3.3V at 1A LEDs
Minimum Start Voltage vs Load
2.7V at 1A LEDs
Input Current vs Input Voltage
Output Short Circuited
OUTPUT VOLTAGE
0
2
4
8
10
12
5
8040 G07
6
14
10
15
1A LOAD
0.5A LOAD
0.1A LOAD
OUTPUT VOLTAGE
0
2
4
8
10
12
4
2
8040 G08
6
14
8
6
12
10
1A LOAD
0.5A LOAD
0.1A LOAD
ILOAD (mA)
0
2
4
8
10
12
400
200
8040 G09
6
14
800
600
1000
SINGLE LED
2 LEDs
3 LEDs
4 LEDs
ILOAD (mA)
0
2
4
8
10
12
400
200
8040 G10
6
14
800
600
1000
SINGLE LED
2 LEDs
3 LEDs
SHUTDOWN VOLTAGE
0
0
10
10
5
8040 G11
60
50
40
30
20
20
15
25
30
35
40
LOAD CURRENT (mA)
0
0
2
6
8
10
400
200
8040 G12
4
12
800
600
1000
VBIAS = 5V
VBIAS = 3.2V
VBIAS = 12V
LOAD CURRENT (mA)
0
0
2
6
8
10
12
14
16
18
400
200
8040 G13
4
20
800
600
1000
VBIAS = 5V
VBIAS = 3.2V
VBIAS = 12V
INPUT VOLTAGE (V)
0
0
20
10
5
8040 G14
120
100
80
60
40
20
15
25
30
35
40
ILOAD (mA)
0
2
7
400
200
8040 G15
32
27
22
17
12
800
600
1000
SINGLE LED
2 LEDs
3 LEDs
4 LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com