Electronic Components Datasheet Search
  English  ▼

X  

LTM8023MPV Datasheet(PDF) 12 Page - Linear Technology

Part # LTM8023MPV
Description  2A, 36V DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8023MPV Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM8023MPV Datasheet HTML 8Page - Linear Technology LTM8023MPV Datasheet HTML 9Page - Linear Technology LTM8023MPV Datasheet HTML 10Page - Linear Technology LTM8023MPV Datasheet HTML 11Page - Linear Technology LTM8023MPV Datasheet HTML 12Page - Linear Technology LTM8023MPV Datasheet HTML 13Page - Linear Technology LTM8023MPV Datasheet HTML 14Page - Linear Technology LTM8023MPV Datasheet HTML 15Page - Linear Technology LTM8023MPV Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTM8023
12
8023fb
the peak start-up current can be reduced to the current
that is required to regulate the output, with no overshoot.
Choose the value of the resistor so that it can supply at
least 20μA when the RUN/SS pin reaches 2.5V.
Synchronization
The internal oscillator of the LTM8023 can be synchronized
by applying an external 250kHz to 2MHz clock to the SYNC
pin.
Do not leave this pin floating. The resistor tied from the
RT pin to ground should be chosen such that the LTM8023
oscillates 20% lower than the intended synchronization
frequency (see the Frequency Selection section).
The LTM8023 will not enter Burst Mode operation while
synchronized to an external clock, but will instead skip
pulses to maintain regulation.
Shorted Input Protection
Care needs to be taken in systems where the output will be
held high when the input to the LTM8023 is absent. This
may occur in battery charging applications or in battery
backup systems where a battery or some other supply is
diode OR-ed with the LTM8023’s output. If the VIN pin is
allowed to float and the SHDN pin is held high (either by a
logic signal or because it is tied to VIN), then the LTM8023’s
internal circuitry will pull its quiescent current through
its internal power switch. This is fine if your system can
tolerate a few milliamps in this state. If you ground the
SHDN pin, the SW pin current will drop to essentially zero.
However, if the VIN pin is grounded while the output is
held high, then parasitic diodes inside the LTM8023 can
pull large currents from the output through the VIN pin.
Figure 4 shows a circuit that will run only when the input
voltage is present and that protects against a shorted or
reversed input.
PCB Layout
Most of the headaches associated with PCB layout have
been alleviated or even eliminated by the high level of
integration of the LTM8023. The LTM8023 is neverthe-
less a switching power supply, and care must be taken to
minimize EMI and ensure proper operation. Even with the
APPLICATIONS INFORMATION
Figure 4. The Input Diode Prevents a Shorted Input from
Discharging a Backup Battery Tied to the Output. It Also Protects
the Circuit from a Reversed Input. The LTM8023 Runs Only When
the Input is Present.
Figure 5. Layout Showing Suggested External Components, GND
Plane and Thermal Vias
high level of integration, you may fail to achieve specified
operation with a haphazard or poor layout. See Figure 5
for a suggested layout.
Ensure that the grounding and heatsinking are acceptable.
A few rules to keep in mind are:
1. Place the RADJ and RT resistors as close as possible to
their respective pins.
2. Place the CIN capacitor as close as possible to the VIN
and GND connection of the LTM8023.
3. Place the COUT capacitor as close as possible to the
VOUT and GND connection of the LTM8023.
VOUT
VIN
RUN/SS
BIAS
RT
ADJ
LTM8023
8023 F04
VOUT
GND
VIN
AUX
SYNC
VOUT
CIN
VIN
RADJ
RT
COUT
GND
BIAS
AUX
SHARE
RUN/SS
PGOOD
SYNC
8023 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com