Electronic Components Datasheet Search
  English  ▼

X  

LTM8023MPV Datasheet(PDF) 20 Page - Linear Technology

Part # LTM8023MPV
Description  2A, 36V DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8023MPV Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM8023MPV Datasheet HTML 12Page - Linear Technology LTM8023MPV Datasheet HTML 13Page - Linear Technology LTM8023MPV Datasheet HTML 14Page - Linear Technology LTM8023MPV Datasheet HTML 15Page - Linear Technology LTM8023MPV Datasheet HTML 16Page - Linear Technology LTM8023MPV Datasheet HTML 17Page - Linear Technology LTM8023MPV Datasheet HTML 18Page - Linear Technology LTM8023MPV Datasheet HTML 19Page - Linear Technology LTM8023MPV Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTM8023
20
8023fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 1008 REV B • PRINTED IN USA
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTM4600/LTM4602
10A and 6A DC/DC μModule
Pin Compatible, 4.5V ≤ VIN ≤ 28V, 15mm × 15mm × 2.8mm LGA Package
LTM4601/LTM4603
12A and 6A DC/DC μModule
Pin Compatible; Remote Sensing; PLL, Tracking and Margining, 4.5V ≤ VIN ≤ 28V
LTM4604
4A, Low VIN DC/DC μModule
2.375V ≤ VIN ≤ 5.5V, 0.8V ≤ VOUT ≤ 5V, 9mm × 15mm × 2.3mm LGA Package
LTM8020
200mA, 36V DC/DC μModule
4V ≤ VIN ≤ 36V, 1.25V ≤ VOUT ≤ 5V, 6.25mm × 6.25mm × 2.32mm LGA Package
LTM8022
1A, 36V DC/DC μModule
3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V, 11.25mm × 9mm × 2.82mm LGA Package
VOUT
VIN
RUN/SS
RT
ADJ
LTM8023
8023 TA07
VOUT
3.3V
2A
SYNC
VIN*
5.5V TO 36V
GND
2.2μF
154k
49.9k
22μF
BIAS
AUX
SHARE
*RUNNING VOLTAGE RANGE. PLEASE
REFER TO APPLICATIONS INFORMATION
FOR START-UP DETAILS
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com