Electronic Components Datasheet Search
  English  ▼

X  

LTM8023MPV Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8023MPV
Description  2A, 36V DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8023MPV Datasheet(HTML) 4 Page - Linear Technology

  LTM8023MPV Datasheet HTML 1Page - Linear Technology LTM8023MPV Datasheet HTML 2Page - Linear Technology LTM8023MPV Datasheet HTML 3Page - Linear Technology LTM8023MPV Datasheet HTML 4Page - Linear Technology LTM8023MPV Datasheet HTML 5Page - Linear Technology LTM8023MPV Datasheet HTML 6Page - Linear Technology LTM8023MPV Datasheet HTML 7Page - Linear Technology LTM8023MPV Datasheet HTML 8Page - Linear Technology LTM8023MPV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTM8023
4
8023fb
OUTPUT CURRENT (mA)
400
0
200
8023 G09
800
600
2000
1800
1400
1200
1600
1000
VOUT = 3.3V
0
500
1000
1500
2000
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (mA)
400
0
200
8023 G08
800
600
1200
1000
VOUT = 5V
0
500
1000
1500
2000
12VIN
24VIN
36VIN
OUTPUT CURRENT (mA)
400
0
200
8023 G07
800
600
1600
1400
1200
1000
VOUT = 8V
0
500
1000
1500
2000
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
0.01
0.1
1
60
50
55
8023 G03
70
65
90
85
80
75
VOUT = 3.3V
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
40
20
30
8023 G01
60
50
100
90
80
70
VOUT = 8V
0.01
0.1
1
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
0.01
0.1
1
60
50
55
8023 G02
70
65
90
85
80
75
VOUT = 5V
12VIN
24VIN
36VIN
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Required Input Voltage
vs Output Voltage
36VIN Start-Up Waveforms
(5VOUT)
36VIN Start-Up Waveforms
(3.3VOUT)
Input Current vs Output Current
Input Current vs Output Current
Input Current vs Output Current
Efficiency (8VOUT)
Efficiency (5VOUT)
Efficiency (3.3VOUT)
OUTPUT VOLTAGE (V)
6
2
4
8023 G04
10
8
20
18
16
14
12
IOUT = 2A
OPERATING FREQUENCY
AS RECOMMENDED
IN TABLE 1
010
8
6
4
2
8023 G05
RUN/SS
5V/DIV
VIN = 36V
IOUT = 2A
VBIAS = 3V
50μs/DIV
VOUT
2V/DIV
IIN
0.2A/DIV
8023 G06
VIN = 36V
IOUT = 2A
VBIAS = 3V
RUN/SS
5V/DIV
50μs/DIV
VOUT
2V/DIV
IIN
0.2A/DIV
TA = 25°C unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com