Electronic Components Datasheet Search
  English  ▼

X  

LTC4263 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4263
Description  Single IEEE 802.3af Compliant PSE Controller with Internal Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 11Page - Linear Technology LTC4263 Datasheet HTML 12Page - Linear Technology LTC4263 Datasheet HTML 13Page - Linear Technology LTC4263 Datasheet HTML 14Page - Linear Technology LTC4263 Datasheet HTML 15Page - Linear Technology LTC4263 Datasheet HTML 16Page - Linear Technology LTC4263 Datasheet HTML 17Page - Linear Technology LTC4263 Datasheet HTML 18Page - Linear Technology LTC4263 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC4263
15
4263fd
APPLICATIONS INFORMATION
condition is removed before the tOVLD timer expires, the
port stays powered and the timer is reset.
Foldback
Foldback is designed to limit power dissipation in the
LTC4263 during power-up and momentary short-circuit
conditions. At low port output voltages, the voltage
across the internal MOSFET is high, and power dissipa-
tion will be large if significant current is flowing. Foldback
monitors the port output voltage and reduces the ILIM
current limit level for port voltages of less than 28V, as
shown in Figure 7.
Figure 7. Current Limit Foldback
Thermal Protection
The LTC4263 includes thermal overload protection in
order to provide full device functionality in a miniature
package while maintaining safe operating temperatures.
Several factors create the possibility for very large power
dissipation within the LTC4263. At port turn-on, while
ILIM is active, the instantaneous power dissipated by the
LTC4263 can be as high as 12W. This can cause 40ºC or
more of die heating in a single turn-on sequence. Similarly,
excessive heating can occur if an attached PD repeatedly
pushes the LTC4263 into ILIM by drawing too much cur-
rent. Excessive heating can also occur if the VDD5 pin is
shorted or overloaded.
The LTC4263 protects itself from thermal damage by
monitoring die temperature. If the die temperature exceeds
the overtemperature trip point, the LTC4263 removes port
power and shuts down all functions including the internal
5V regulator. Once the die cools, the LTC4263 waits four
seconds, then restarts detection.
DC Disconnect
The DC disconnect circuit monitors port current whenever
power is on to detect continued presence of the PD. IEEE
802.3af mandates a minimum current of 10mA that the
PD must draw for periods of at least 75ms with optional
dropouts of no more than 250ms. The tMPDO disconnect
timer increments whenever port current is below 7.5mA
(typ). If the timer expires, the port is turned off and the
LTC4263 waits 1.5 seconds before restarting detection.
If the undercurrent condition goes away before tMPDO
(350ms (typ)), the timer is reset to zero. The DC discon-
nect circuit includes a glitch filter to prevent noise from
falsely resetting the timer. The current must be present for
a period of at least 20ms to guarantee reset of the timer.
To enable DC disconnect, tie the OSC pin to VSS.
AC Disconnect
AC disconnect is an alternate method of sensing the pres-
ence or absence of a PD by monitoring the port impedance.
The LTC4263 forces an AC signal from an internal sine wave
generator on to the port. The ACOUT pin current is then
sampled once per cycle and compared to IACDMIN. Like DC
disconnect, the AC disconnect sensing circuitry controls the
tMPDO disconnect timer. When the connection impedance
rises due to the removal of the PD, AC peak current falls
below IACDMIN and the disconnect timer increments. If the
impedance remains high (AC peak current remains below
IACDMIN), the disconnect timer counts to tMPDO and the
port is turned off. If the impedance falls, causing AC peak
current to rise above IACDMIN for two consecutive samples
before the maximum count of the disconnect timer, the
timer resets and the port remains powered.
The AC disconnect circuitry senses the port via the ACOUT
pin. Connect a 0.47μF 100V X7R capacitor (CDET) and
a 1kΩ resistor (RDET) from the DETECT pin to the port
output as shown in Figure 8. This provides an AC path for
sensing the port impedance. The 1kΩ resistor, RDET, limits
current flowing through this path during port power-on and
power-off. An AC blocking diode (DAC) is inserted between
the OUT pin and the port to prevent the AC signal from
VDD48 – VOUT (V)
0
300
400
500
40
4263 F07
200
100
0
510 15 20 25 30 35
45 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com