Electronic Components Datasheet Search
  English  ▼

X  

LTC4263 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4263
Description  Single IEEE 802.3af Compliant PSE Controller with Internal Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 15Page - Linear Technology LTC4263 Datasheet HTML 16Page - Linear Technology LTC4263 Datasheet HTML 17Page - Linear Technology LTC4263 Datasheet HTML 18Page - Linear Technology LTC4263 Datasheet HTML 19Page - Linear Technology LTC4263 Datasheet HTML 20Page - Linear Technology LTC4263 Datasheet HTML 21Page - Linear Technology LTC4263 Datasheet HTML 22Page - Linear Technology LTC4263 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC4263
19
4263fd
APPLICATIONS INFORMATION
Capacitors
Sizing of both the CDET and CPSE capacitors is critical for
proper operation of the LTC4263 AC disconnect sensing.
See the AC Disconnect section for more information. Note
that many ceramic capacitors have dramatic DC voltage
and temperature coefficients. Use 100V or higher rated
X7R capacitors for CDET and CPSE, as these have reduced
voltage dependence while also being relatively small and
inexpensive. Bypass the 48V supply with a 0.1μF, 100V
capacitor located close to the LTC4263. The VDD5 supply
also requires a 0.1μF bypass capacitor.
Fuse
While the LTC4263 does not require a fuse for proper
operation or for compliance with IEEE 802.3af, some
safety requirements state that the output current must be
limited to less than 2A in less than 60 seconds if any one
component fails or is shorted. Since the LTC4263 is the
primary current limiter, its failure could result in excess
current to the port. To meet these safety requirements, a
fuse can be placed in the positive leg of the port. The fuse
must be large enough that it will pass at least 450mA when
derated for high temperature but small enough that it will
fuse at less than 2A at cold temperature. This requirement
can usually be satisfied with a 1A fuse or PTC. Placing the
fuse between the RJ-45 connector and the LTC4263 and
its associated circuitry provides additional protection for
this circuitry. Consult a safety requirements expert for the
application specific requirements.
Power Supply
Poor regulation on the 48V supply can lead to noncompli-
ance. The IEEE specification requires a PSE output voltage
between 44V and 57V. When the LTC4263 begins powering
an Ethernet port, it controls the current through the port to
minimize disturbances on VSS. However, if the VSS supply
is underdamped or otherwise unstable, its voltage could
go outside of the IEEE-specified limits, causing the PSE
to be noncompliant. This scenario can be even worse
when a PD is unplugged because the current can drop
immediately to zero. In both cases the port voltage must
always stay between 44V and 57V. Beyond this, the IEEE
802.3af specification places specific ripple, noise and load
regulation requirements on the PSE. Disturbances on VSS
can also adversely affect detection, classification and AC
disconnect sensing. For these reasons, proper bypassing
and stability of the VSS supply is important.
Another problem that can affect the VSS supply is insuf-
ficient power, leading to the supply voltage dropping out
of the specified range. The 802.3af specification states
that if a PSE powers a PD it must be able to provide the
maximum power level requested by the PD based on the
PD’s classification. The specification does allow a PSE
to choose not to power a port, typically because the PD
requires more power than the PSE has available to deliver.
If a PSE is built with a VSS supply not capable of deliver-
ing full power to all ports, it is recommended to use the
LTC4263 power management feature to prevent ports
from being turned on when there is insufficient power.
Because the specification also requires the PSE to sup-
ply an inrush current of 400mA at up to a 5% duty cycle,
the VSS supply capability should be at least a few percent
higher than the maximum total power the PSE needs to
supply to the PDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com