Electronic Components Datasheet Search
  English  ▼

X  

LTC4263 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4263
Description  Single IEEE 802.3af Compliant PSE Controller with Internal Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 13Page - Linear Technology LTC4263 Datasheet HTML 14Page - Linear Technology LTC4263 Datasheet HTML 15Page - Linear Technology LTC4263 Datasheet HTML 16Page - Linear Technology LTC4263 Datasheet HTML 17Page - Linear Technology LTC4263 Datasheet HTML 18Page - Linear Technology LTC4263 Datasheet HTML 19Page - Linear Technology LTC4263 Datasheet HTML 20Page - Linear Technology LTC4263 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC4263
17
4263fd
APPLICATIONS INFORMATION
When active, the LED flash codes are repeated every 1.2
seconds. The duration of each LED flash is 75ms. Multiple
LED flashes occur at a 300ms interval.
The LTC4263 includes a feature for efficiently driving the
LED from a 48V power supply without the wasted power
caused by having to drop over 45V in a current limit
resistor. When operating the VDD5 supply internally, the
LTC4263 drives the LED pin with a 6% duty cycle PWM
signal. This allows use of the simple LED drive circuit in
Figure 9 to minimize power dissipation. The modulation
frequency of the LED drive is 28kHz, making the on period
2.2μs. During the 2.2μs that the LED pin is pulled low, cur-
rent ramps up in the inductor, limited by RLED. Diode D2
completes the circuit by allowing current to circulate while
the LED pin is open circuit. Since current is only drawn
from the power supply 6% of the time, power dissipation
is substantially reduced.
When VDD5 is powered from an external supply, the PWM
signal is disabled and the LED pin will pull down continu-
ously when on. In this mode, the LED can be powered from
the 5V supply with a simple series resistor.
IEEE 802.3af COMPLIANCE AND EXTERNAL
COMPONENT SELECTION
This section discusses the other elements that go along
with the LTC4263 to make an IEEE 802.3af compliant PSE.
The LTC4263 is designed to control power delivery in IEEE
802.3af compliant Power Sourcing Equipment. Because
proper operation of the LTC4263 also depends on external
components and power sources like the 48V supply, using
the LTC4263 in a PSE does not in itself guarantee IEEE
802.3af compliance. To ensure a compliant PSE design,
it is recommended to adhere closely to the example ap-
plication circuits provided. For further assistance contact
the Linear Technology Applications department.
Figure 9. LED Drive Circuit with Single 48V Supply
Table 3. Port Status and LED Flash Codes
PORT STATUS
LED FLASH CODE
FLASH PATTERN
Non-Powered Device
0Ω < RPORT < 200Ω
Off
LED Off
Port Open
RPORT > 1MΩ
Off
LED Off
Port On
25kΩ
On
LED On
Low Signature Resistance
300Ω < RPORT < 15kΩ
1 Flash
High Signature Resistance
33kΩ < RPORT < 500kΩ
2 Flashes
Port Overload Fault
5 Flashes
Power Management
Allocation Exceeded
9 Flashes
VDD48
D1
10mH, 21mA
COILCRAFT
DS1608C-106
D2
BAS19
VDD5
RLED
1k
VDD48
LED
VSS
LTC4263
4263 F09
0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com