Electronic Components Datasheet Search
  English  ▼

X  

LTC4304CMS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4304CMS
Description  Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4304CMS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4304CMS Datasheet HTML 5Page - Linear Technology LTC4304CMS Datasheet HTML 6Page - Linear Technology LTC4304CMS Datasheet HTML 7Page - Linear Technology LTC4304CMS Datasheet HTML 8Page - Linear Technology LTC4304CMS Datasheet HTML 9Page - Linear Technology LTC4304CMS Datasheet HTML 10Page - Linear Technology LTC4304CMS Datasheet HTML 11Page - Linear Technology LTC4304CMS Datasheet HTML 12Page - Linear Technology LTC4304CMS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC4304
9
4304fa
A rising edge on ENABLE after a stuck bus condition has
occurred forces a connection between SDAIN, SDAOUT
and SCLIN, SCLOUT even if bus idle conditions are not
met. At this time the internal 30ms timer is reset but not
disabled.
Rise Time Accelerators
Once connection has been established, rise time accel-
erator circuits on all four SDA and SCL pins are activated
(assuming accelerators are enabled, see ACC pin descrip-
tion). These allow the use of a large pull-up resistor to
reduce power consumption, or bus capacitance beyond
that specified in I2C, while still meeting system rise time
requirements. During positive bus transitions, the LTC4304
switches in 3.5mA (typical) of current to quickly slew the
SDA and SCL lines once their DC voltages exceed 0.8V.
Choose a pull-up resistor so that the bus will rise on its
own at a rate of at least 0.8V/µs to guarantee activation
of the accelerators. Rise time accelerators turn off when
SDA and SCL lines are approximately 1V below VCC.
Rise time accelerators are automatically disabled during
automatic clocking.
Resistor Pull-Up Selection
The system pull-up resistors must be strong enough
to provide a positive slew rate of 0.8V/µs on the SDA
and SCL pins, in order to activate the rise time accelera-
tors during rising edges. Choose maximum resistor value
RPULL-UP(MAX) using the formula:
Rk
V
V
ns V
CpF
PULLUP MAX
BUS MIN
BUS
()
()
[]
–.
•
[ / ]
[]
Ω= ()
0 8
1250
where VBUSMIN is the minimum operating pull-up sup-
ply voltage, and CBUS the total capacitance on respec-
tive bus line.
For example, assume VBUS = VCC = 3.3V, and assuming
±10% supply tolerance, VBUSMIN = 2.97V. With CBUS =
100pF, RPULL-UP, MAX = 27.1k. Therefore a smaller pull-up
resistor than 27.1k must be used, so 10k works fine.
Live Insertion and Capacitance Buffering Application
Figures 3 through 6 illustrate applications of the LTC4304
that take advantage of both its Hot SwapTM controlling and
capacitance buffering features. In all of these applications,
note that if the I/O cards were plugged directly into the
backplane without the LTC4304 buffer, all of the backplane
and card capacitances would add directly together, making
rise- and fall-time requirements difficult to meet. Placing a
LTC4304 on the edge of each card, however, isolates the
card capacitance from the backplane. For a given I/O card,
the LTC4304 drives the capacitance on the card side and
the backplane must drive only the digital input capacitance
of the LTC4304, which is less than 10pF.
In most applications the LTC4304 will be used with a
staggered connector where VCC and GND will be long
pins. SDA and SCL are medium length pins to ensure that
the VCC and GND pins make contact first. This will allow
the precharge circuitry to be activated on SDA and SCL
before they make contact. ENABLE is a short pin that is
pulled down when not connected. This is to ensure that the
connection between the backplane and the cards data and
clock busses is not enabled until the transients associated
with live insertion have settled.
Figure 3 shows the LTC4304 in a CompactPCITM configura-
tion. Connect VCC and ENABLE to the output of one of the
CompactPCI power supply Hot Swap circuits. Use a pull-up
resistor to ENABLE for a card side enable/disable. VCC is
monitored by a filtered UVLO circuit. With the VCC voltage
powering up after all the other pins have established con-
nection, the UVLO circuit ensures that the backplane and
the card data and clock busses are not connected until
the transients associated with live insertion have settled.
Owing to their small capacitance, the SDAIN and SCLIN
pins cause minimal disturbance on the backplane busses
when they make contact with the connector.
Hot Swap is a trademark of Linear Technology Corporation.
OPERATION
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com