Electronic Components Datasheet Search
  English  ▼

X  

LTC4304CMS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4304CMS
Description  Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4304CMS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4304CMS Datasheet HTML 8Page - Linear Technology LTC4304CMS Datasheet HTML 9Page - Linear Technology LTC4304CMS Datasheet HTML 10Page - Linear Technology LTC4304CMS Datasheet HTML 11Page - Linear Technology LTC4304CMS Datasheet HTML 12Page - Linear Technology LTC4304CMS Datasheet HTML 13Page - Linear Technology LTC4304CMS Datasheet HTML 14Page - Linear Technology LTC4304CMS Datasheet HTML 15Page - Linear Technology LTC4304CMS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC4304
12
4304fa
Figure 5. Typical Supply Independent Applications
CARD_SCL
CARD_SDA
3.3V
5V
5V
4304 F05
BACKPLANE
CONNECTOR
SDA
SCL
C1
0.01
µF
R1
10k
R6
10k
R11
10k
R12
10k
R7
10k
R10
10k
R15
10k
R2
10k
R3
10k
R8
10k
2.5V
R13
10k
R14
10k
R9
10k
R4
10k
R5
10k
ACC
SDAIN
SCLIN
ENABLE
VCC
GND
SDAOUT
SCLOUT
READY
FAULT
LTC4304
CARD_SCL
CARD_SDA
3.3V
3.3V
3.3V
3.3V
5V
5V
BACKPLANE
CONNECTOR
SDA
SCL
C2
0.01
µF
ACC
SDAIN
SCLIN
ENABLE
VCC
GND
SDAOUT
SCLOUT
READY
FAULT
LTC4304
CARD_SCL
CARD_SDA
BACKPLANE
CONNECTOR
SDA
SCL
C3
0.01
µF
ACC
SDAIN
SCLIN
ENABLE
VCC
GND
SDAOUT
SCLOUT
READY
FAULT
LTC4304
STAGGERED
CONNECTOR
STAGGERED
CONNECTOR
STAGGERED
CONNECTOR
Supply Independent Operation
Figure 5 illustrates applications of the LTC4304 with differ-
ent bus pull up and VCC voltages, demonstrating its ability
to recognize and buffer bus data levels that are above or
below its VCC supply voltage. In applications where VCC
voltage is greater than bus pull-up voltages, rise-time ac-
celerators cannot be used. Float ACC in applications where
the pull-up voltage on SDAIN and SCLIN is < VCC and the
pull-up voltage on SDAOUT and SCLOUT is ≥ VCC. Connect
ACC to ground in applications where VCC is ≤ SDA and
SCL pull-up voltages. Connect ACC to VCC for applications
where SDA and SCL pull-up voltages are ≤ VCC.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com