Electronic Components Datasheet Search
  English  ▼

X  

LTC4304CMS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4304CMS
Description  Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4304CMS Datasheet(HTML) 5 Page - Linear Technology

  LTC4304CMS Datasheet HTML 1Page - Linear Technology LTC4304CMS Datasheet HTML 2Page - Linear Technology LTC4304CMS Datasheet HTML 3Page - Linear Technology LTC4304CMS Datasheet HTML 4Page - Linear Technology LTC4304CMS Datasheet HTML 5Page - Linear Technology LTC4304CMS Datasheet HTML 6Page - Linear Technology LTC4304CMS Datasheet HTML 7Page - Linear Technology LTC4304CMS Datasheet HTML 8Page - Linear Technology LTC4304CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4304
5
4304fa
ENABLE (Pin 1): Connection Enable. This is a digital
threshold input pin. For normal operation ENABLE is high.
Driving ENABLE below 0.8V isolates SDAIN from SDAOUT,
SCLIN from SCLOUT, asserts READY low and disables
automatic clocking. A rising edge on ENABLE after a fault
has occurred unconditionally forces a connection between
SDAIN, SDAOUT and SCLIN, SCLOUT.
SCLOUT (Pin 2): Serial Clock Output. Connect this pin to
the SCL bus on the card.
SCLIN (Pin 3): Serial Clock Input. Connect this pin to SCL
on the bus backplane.
ACC (Pin 4): Rise-Time Accelerator Control. Connect ACC
to VCC to disable all four accelerators. Connect ACC to
GND to enable all four accelerators. Float ACC to enable
the SDAOUT and SCLOUT accelerators only. For applica-
tions when VCC is greater than the bus pull-up voltage,
connect ACC to VCC.
GND (Pin 5): Device Ground. Connect this pin to a ground
plane for best results.
READY (Pin 6): Connection Status Flag. READY provides
a digital flag which indicates the status of the connection
circuitry described in the “Connection Circuitry” section.
Connect a resistor of 10k to VCC to provide the pull-up.
FAULT (Pin 7): Bus Stuck Low Fault. FAULT is an open
drain N-channel MOSFET which pulls low to signal a bus
stuck low condition. In normal operation, FAULT is high.
Connect a 10k resistor from this pin to VCC to provide
the pull-up.
SDAIN (Pin 8): Serial Data Input. Connect this pin to the
SDA bus on the backplane.
SDAOUT (Pin 9): Serial Data Output. Connect this pin to
the SDA bus on the card.
VCC (Pin 10): Supply Voltage Input. Place a bypass capaci-
tor of at least 0.01µF close to VCC for best results.
Exposed Pad (Pin 11, DFN Only): Exposed pad may be
left open or connected to the ground plane.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com