Electronic Components Datasheet Search
  English  ▼

X  

LTC4352 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4352
Description  Low Voltage Ideal Diode Controller with Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4352 Datasheet HTML 7Page - Linear Technology LTC4352 Datasheet HTML 8Page - Linear Technology LTC4352 Datasheet HTML 9Page - Linear Technology LTC4352 Datasheet HTML 10Page - Linear Technology LTC4352 Datasheet HTML 11Page - Linear Technology LTC4352 Datasheet HTML 12Page - Linear Technology LTC4352 Datasheet HTML 13Page - Linear Technology LTC4352 Datasheet HTML 14Page - Linear Technology LTC4352 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4352
11
4352f
SOURCE
LTC4352
TO LOAD
5V
Q1
Si7336ADP
4352 F07
VIN
GATE
OUT
C2
0.1μF
R7
1k
GND
12V
CPO
Figure 7. 5V Ideal Diode with External 12V Powering CPO for
Faster Start-up and Refresh
APPLICATIONS INFORMATION
External CPO Supply
The internal charge pump takes milliseconds to charge
up the CPO pin capacitor especially during device power
up. This time can be shortened by connecting an external
supply to the CPO pin. A series resistor is needed to limit
the current into the internal clamp between the CPO and
SOURCE pins. The CPO supply should also be higher than
the main input supply to meet the gate drive requirements
of the MOSFET. Figure 7 shows such a 5V ideal diode ap-
plication, where a 12V supply is connected to the CPO pin
through a 1k resistor. The 1k limits the current into the CPO
pin to 5.3mA, when the SOURCE pin is grounded.
Input Transient Protection
When the capacitances at the input and output are very
small, rapid changes in current can cause transients that
exceed the 24V Absolute Maximum Rating of the VIN and
OUT pins. In ORing applications using a single MOSFET, one
surge suppressor connected from OUT to ground clamps all
the inputs. In the absence of a surge suppressor, an output
capacitance of 10μF is sufficient in most applications to
prevent the transient from exceeding 24V. Back-to-back
MOSFET applications, depending on voltage levels, may
require a surge suppressor on each supply input.
Design Example
The following design example demonstrates the calcula-
tions involved for selecting components in a 12V system
with 10A maximum load current (see Figure 1).
First, calculate the RDS(ON) of the MOSFET to achieve the
desired forward drop at full load. Assuming a VFWD of
50mV (which is comfortably below the 200mV minimum
open MOSFET fault threshold):
R
DS ON
() ≤
V
FWD
I
LOAD
=
50mV
10A
= 5mΩ
The Si7336ADP offers a good solution, in a SO-8 sized
package, with a maximum RDS(ON) of 4mΩ and BVDSS
of 30V. The maximum power dissipation in the MOSFET
is:
P = I2LOAD • RDS(ON) = (10A)2 • 4mΩ = 0.4W
With a maximum steady-state thermal resistance, θJA,
of 65°C/W, 0.4W causes a modest 26°C rise in junction
temperature of the Si7336ADP above the ambient.
The input capacitance, CISS, of the Si7336ADP is about
6500pF. Slightly exceeding the 10x recommendation, a
0.1μF capacitor is selected for C2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com