Electronic Components Datasheet Search
  English  ▼

X  

LTC4352 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4352
Description  Low Voltage Ideal Diode Controller with Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4352 Datasheet HTML 8Page - Linear Technology LTC4352 Datasheet HTML 9Page - Linear Technology LTC4352 Datasheet HTML 10Page - Linear Technology LTC4352 Datasheet HTML 11Page - Linear Technology LTC4352 Datasheet HTML 12Page - Linear Technology LTC4352 Datasheet HTML 13Page - Linear Technology LTC4352 Datasheet HTML 14Page - Linear Technology LTC4352 Datasheet HTML 15Page - Linear Technology LTC4352 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC4352
12
4352f
Figure 8. Recommended PCB Layout for Power MOSFET
C1
S
S
S
G
D
D
D
D
DRAWING IS NOT TO SCALE!
VIA TO GROUND PLANE
LTC4352
MSOP-12
VIA TO GROUND PLANE
CURRENT FLOW
CURRENT FLOW
WW
TRACK WIDTH W:
0.03˝ PER AMPERE
ON 1OZ CU FOIL
FROM INPUT
SUPPLY
TO LOAD
Q1
SO-8
4352 F08
APPLICATIONS INFORMATION
LEDs, D1 and D2, require around 3mA for good luminous
intensity. Accounting for a 2V diode drop and 0.5V VOL,
R1 and R2 are set to 2.7k.
PCB Layout Considerations
Connect the VIN and OUT pin traces as close as possible to
the MOSFET’s terminals. Keep the traces to the MOSFET
wide and short to minimize resistive losses. The PCB
traces associated with the power path through the MOSFET
should have low resistance. See Figure 8.
It is also important to put C1, the bypass capacitor for
the VCC pin, as close as possible between VCC and GND.
Also place C2 near the CPO and SOURCE pins. Surge
suppressors, when used, should be mounted close to the
LTC4352 using short lead lengths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com