Electronic Components Datasheet Search
  English  ▼

X  

LTC4352 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4352
Description  Low Voltage Ideal Diode Controller with Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4352 Datasheet HTML 8Page - Linear Technology LTC4352 Datasheet HTML 9Page - Linear Technology LTC4352 Datasheet HTML 10Page - Linear Technology LTC4352 Datasheet HTML 11Page - Linear Technology LTC4352 Datasheet HTML 12Page - Linear Technology LTC4352 Datasheet HTML 13Page - Linear Technology LTC4352 Datasheet HTML 14Page - Linear Technology LTC4352 Datasheet HTML 15Page - Linear Technology LTC4352 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC4352
16
4352f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0708 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1473/LTC1473L
Dual PowerPath™ Switch Driver
N-Channel, 4.75V to 30V/3.3V to 10V, SSOP-16
LTC1479
PowerPath Controller for Dual Battery Systems
Three N-Channel Drivers, 6V to 28V, SSOP-36
LTC4350
Hot Swappable Load Share Controller
N-Channel, 1.5V to 12V, Share Bus, SSOP-16
LT®4351
MOSFET Diode-OR Controller
N-Channel, 1.2V to 18V, UV, OV, MSOP-10
LTC4354
Negative Voltage Diode-OR Controller and Monitor
Dual N-Channel, –4.5V to –80V, SO-8, DFN-8
LTC4355
Positive High Voltage Ideal Diode-OR and Monitor
Dual N-Channel, 9V to 80V, SO-16, DFN-14
LTC4357
Positive High Voltage Ideal Diode Controller
N-Channel, 9V to 80V, MSOP-8, DFN-6
LTC4358
5A Ideal Diode
Internal N-Ch., 9V to 26.5V, TSSOP-16, DFN-14
LTC4411
2.6A Low Loss Ideal Diode in ThinSOT™
Internal P-Ch., 2.6V to 5.5V, 40μA IQ, SOT-23
LTC4412/LTC4412HV
Low Loss PowerPath Controller in ThinSOT
P-Channel, 2.5V to 28V/36V, 11μA IQ, TSOT-23
LTC4413/LTC4413-1
Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in DFN-10
Dual Internal P-Channel, 2.5V to 5.5V, DFN-10
LTC4414
36V Low Loss PowerPath Contoller for Large PFETs
P-Channel, 3V to 36V, 30μA IQ, MSOP-8
LTC4416/LTC4416-1
36V Low Loss Dual PowerPath Contoller for Large PFETs Dual P-Channel, 3.6V to 36V, 70μA IQ, MSOP-10
ThinSOT and PowerPath are trademarks of Linear Technology Corporation.
VCC
UV
OV
REV
LTC4352
STATUS
FAULT
0.1μF
VIN1
0V TO 18V
5V
Si7336ADP
TO LOAD
0.1μF
CPO
VIN
SOURCE
GATE
GND
OUT
VCC
UV
OV
REV
LTC4352
STATUS
FAULT
0.1μF
VIN2
0V TO 18V
5V
Si7336ADP
0.1μF
CPO
VIN
SOURCE
GATE
GND
OUT
4352 TA03
0V to 18V Ideal Diode-OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com