Electronic Components Datasheet Search
  English  ▼

X  

LTC4443 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4443
Description  High Speed Synchronous N-Channel MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4443 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4443 Datasheet HTML 4Page - Linear Technology LTC4443 Datasheet HTML 5Page - Linear Technology LTC4443 Datasheet HTML 6Page - Linear Technology LTC4443 Datasheet HTML 7Page - Linear Technology LTC4443 Datasheet HTML 8Page - Linear Technology LTC4443 Datasheet HTML 9Page - Linear Technology LTC4443 Datasheet HTML 10Page - Linear Technology LTC4443 Datasheet HTML 11Page - Linear Technology LTC4443 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC4443/LTC4443-1
8
4443fa
OPERATION
Rise/Fall Time
Since the power MOSFET generally accounts for the major-
ity of power loss in a converter, it is important to quickly
turn it on and off, thereby minimizing the transition time
and power loss. The LTC4443’s peak pull-up current of
2.4A for both BG and TG (Q1 and Q2) produces a rapid
turn-on transition for the MOSFETs. This high current is
capable of driving a 3nF load with a 12ns rise time.
It is also important to turn the power MOSFETs off quickly
to minimize power loss due to transition time; however,
an additional benefit of a strong pull-down on the driver
outputs is the prevention of cross-conduction current. For
example, when BG turns the low side power MOSFET off
and TG turns the high side power MOSFET on, the volt-
age on the TS pin will rise to VIN very rapidly. This high
frequency positive voltage transient will couple through
the CGD capacitance of the low side power MOSFET to
the BG pin. If the BG pin is not held down sufficiently, the
voltage on the BG pin will rise above the threshold volt-
age of the low side power MOSFET, momentarily turning
it back on. As a result, both the high side and low side
MOSFETs will be conducting, which will cause significant
cross-conduction current to flow through the MOSFETs
from VIN to ground, thereby introducing substantial power
loss. A similar effect occurs on TG due to the CGS and CGD
capacitances of the high side MOSFET.
The hysteresis between the corresponding VIH and VIL
voltage levels eliminates false triggering due to noise
during switch transitions; however, care should be taken
to keep noise from coupling into the IN pin, particularly
in high frequency, high voltage applications.
Undervoltage Lockout
The LTC4443 contains undervoltage lockout detectors that
monitor both the VCC and VLOGIC supplies. When VCC falls
below 3.04V or VLOGIC falls below 2.65V, the output pins
BG and TG are pulled to GND and TS, respectively. This
turns off both of the external MOSFETs. When VCC and
VLOGIC have adequate supply voltage for the LTC4443 to
operate reliably, normal operation will resume.
Adaptive Shoot-Through Protection
Internal adaptive shoot-through protection circuitry
monitors the voltages on the external MOSFETs to ensure
that they do not conduct simultaneously. The LTC4443
does not allow the bottom MOSFET to turn on until the
gate-source voltage on the top MOSFET is sufficiently
low, and vice-versa. This feature improves efficiency by
eliminating cross-conduction current from flowing from
the VIN supply through the MOSFETs to ground during a
switch transition.
Output Stage
A simplified version of the LTC4443’s output stage is
shown in Figure 2. The pull-up device on both the BG and
TG outputs is an NPN bipolar junction transistor (Q1 and
Q2). The BG and TG outputs are pulled up to within an
NPN VBE (~0.7V) of their positive rails (VCC and BOOST,
respectively).BothBGandTGhaveN-channelMOSFETpull-
down devices (N1 and N2) which pull BG and TG down to
their negative rails, GND and TS. An additional NPN bipolar
junction transistor (Q3) is present on BG to increase its
pull-down drive current capacity. The large voltage swing of
the BG and TG output pins is important in driving external
power MOSFETs, whose RDS(ON) is inversely proportional
to its gate overdrive voltage (VGS – VTH).
BOOST
LTC4443
TG
N1
Q1
TS
CGS
CGD
HIGH SIDE
POWER
MOSFET
VIN
VCC
BG
N2
Q2
Q3
GND
CGS
4443 F02
CGD
LOW SIDE
POWER
MOSFET
LOAD
INDUCTOR
Figure 2. Capacitance Seen by BG and TG During Switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com