Electronic Components Datasheet Search
  English  ▼

X  

LTC4443 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4443
Description  High Speed Synchronous N-Channel MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4443 Datasheet(HTML) 3 Page - Linear Technology

  LTC4443 Datasheet HTML 1Page - Linear Technology LTC4443 Datasheet HTML 2Page - Linear Technology LTC4443 Datasheet HTML 3Page - Linear Technology LTC4443 Datasheet HTML 4Page - Linear Technology LTC4443 Datasheet HTML 5Page - Linear Technology LTC4443 Datasheet HTML 6Page - Linear Technology LTC4443 Datasheet HTML 7Page - Linear Technology LTC4443 Datasheet HTML 8Page - Linear Technology LTC4443 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC4443/LTC4443-1
3
4443fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4443I/LTC4443I-1 are guaranteed to meet specifications
from –40°C to 85°C. The LTC4443E/LTC4443E-1 are guaranteed to meet
specifications from 0°C to 85°C with specifications over the –40°C to
85°C operating temperature range assured by design, characterization and
correlation with statistical process controls.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 7V, VTS = GND = 0V, VLOGIC = 5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VD
Schottky Diode Forward Voltage
ID = 10mA
ID = 100mA
0.38
0.48
V
V
Input Signal (IN)
VIH(TG)
TG Turn-On Input Threshold
VLOGIC ≥ 5V, IN Rising
VLOGIC = 3.3V, IN Rising
l
l
3.0
1.9
3.5
2.2
4.0
2.6
V
V
VIL(TG)
TG Turn-Off Input Threshold
VLOGIC ≥ 5V, IN Falling
VLOGIC = 3.3V, IN Falling
3.25
2.09
V
V
VIH(BG)
BG Turn-On Input Threshold
VLOGIC ≥ 5V, IN Falling
VLOGIC = 3.3V, IN Falling
l
l
0.8
0.8
1.25
1.10
1.6
1.4
V
V
VIL(BG)
BG Turn-Off Input Theshold
VLOGIC ≥ 5V, IN Rising
VLOGIC = 3.3V, IN Rising
1.50
1.21
V
V
IIN(SD)
Maximum Current Into or Out of IN in
Shutdown Mode
VLOGIC ≥ 5V, IN Floating
VLOGIC = 3.3V, IN Floating
200
100
300
150
μA
μA
High Side Gate Driver Output (TG)
VOH(TG)
TG High Output Voltage
ITG = –10mA, VOH(TG) = VBOOST – VTG
0.7
V
VOL(TG)
TG Low Output Voltage
ITG = 100mA, VOL(TG) = VTG – VTS
100
mV
IPU(TG)
TG Peak Pull-Up Current
l
1.5
2.4
A
IPD(TG)
TG Peak Pull-Down Current
l
1.5
2.4
A
Low Side Gate Driver Output (BG)
VOH(BG)
BG High Output Voltage
IBG = –10mA, VOH(BG) = VCC – VBG
0.7
V
VOL(BG)
BG Low Output Voltage
IBG = 100mA
100
mV
IPU(BG)
BG Peak Pull-Up Current
l
1.4
2.4
A
IPD(BG)
BG Peak Pull-Down Current
l
3.5
5.0
A
Switching Time
tPLH(TG)
BG Low to TG High Propagation Delay
20
ns
tPHL(TG)
IN Low to TG Low Propagation Delay
12
ns
tPLH(BG)
TG Low to BG High Propagation Delay
20
ns
tPHL(BG)
IN High to BG Low Propagation Delay
12
ns
tr(TG)
TG Output Rise Time
10% – 90%, CL = 3nF
12
ns
tf(TG)
TG Output Fall Time
10% – 90%, CL = 3nF
8
ns
tr(BG)
BG Output Rise Time
10% – 90%, CL = 3nF
12
ns
tf(BG)
BG Output Fall Time
10% – 90%, CL = 3nF
5
ns
TJ is calculated from the ambient temperature TA and power dissipation PD
according to the following formula:
TJ = TA + (PD • 43°C/W)
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com