Electronic Components Datasheet Search
  English  ▼

X  

LTC4443 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4443
Description  High Speed Synchronous N-Channel MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4443 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4443 Datasheet HTML 2Page - Linear Technology LTC4443 Datasheet HTML 3Page - Linear Technology LTC4443 Datasheet HTML 4Page - Linear Technology LTC4443 Datasheet HTML 5Page - Linear Technology LTC4443 Datasheet HTML 6Page - Linear Technology LTC4443 Datasheet HTML 7Page - Linear Technology LTC4443 Datasheet HTML 8Page - Linear Technology LTC4443 Datasheet HTML 9Page - Linear Technology LTC4443 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC4443/LTC4443-1
6
4443fa
BLOCK DIAGRAM
PIN FUNCTIONS
TG (Pin 3): High Side Gate Driver Output (Top Gate). This
pin swings between TS and BOOST.
TS (Pin 4): High Side MOSFET Source Connection (Top
Source).
BG (Pin 5): Low Side Gate Driver Output (Bottom Gate).
This pin swings between VCC and GND.
GND (Pin 6): Chip Ground.
IN (Pin 7): Input Signal. Input referenced to an internal
supply powered by VLOGIC (Pin 8) and referenced to GND
(Pin 6). If this pin is floating, an internal resistive divider
triggers a shutdown mode in which both BG (Pin 5) and
TG (Pin 3) are pulled low. Trace capacitance on this pin
should be minimized to keep the shutdown time low.
VLOGIC (Pin 8): Logic Supply. This pin powers the input
buffer and logic. Connect this pin to the power supply
of the controller that is driving IN (Pin 7) to match input
thresholds or to VCC (Pin 9) to simplify PCB routing.
VCC (Pin 9): Output Driver Supply. This pin powers the
low side gate driver output directly and the high side gate
driver output through an internal Schottky diode con-
nected between this pin and BOOST. A low ESR ceramic
bypass capacitor should be tied between this pin and
GND (Pin 6).
BOOST (Pins 10, 11, 12): High Side Bootstrapped Supply.
An external capacitor should be tied between these pins
and TS (Pin 4). An internal Schottky diode is connected
between VCC (Pin 9) and these pins. Voltage swing at these
pins is from VCC – VD to VIN + VCC – VD, where VD is the
forward voltage drop of the bootstrap diode.
Exposed Pad (Pin 13): Ground. The Exposed Pad must be
soldered to PCB ground for optimal electrical and thermal
performance.
10
3
4
SHOOT-
THROUGH
PROTECTION
THREE-STATE
INPUT
BUFFER
LEVEL
SHIFTER
INTERNAL
SUPPLY
UNDERVOLTAGE
LOCKOUT
UNDERVOLTAGE
LOCKOUT
BOOST
11
BOOST
12
BOOST
TG
TS
5
8
BG
4443 BD
VCC
7k
7k
VLOGIC
9
VCC
7
IN
6
GND
13 GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com