Electronic Components Datasheet Search
  English  ▼

X  

LTC4440 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4440
Description  High Speed, High Voltage High Side Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4440 Datasheet(HTML) 3 Page - Linear Technology

  LTC4440 Datasheet HTML 1Page - Linear Technology LTC4440 Datasheet HTML 2Page - Linear Technology LTC4440 Datasheet HTML 3Page - Linear Technology LTC4440 Datasheet HTML 4Page - Linear Technology LTC4440 Datasheet HTML 5Page - Linear Technology LTC4440 Datasheet HTML 6Page - Linear Technology LTC4440 Datasheet HTML 7Page - Linear Technology LTC4440 Datasheet HTML 8Page - Linear Technology LTC4440 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC4440
4440f
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VBOOST = 12V, VTS = GND = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC4440 is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • θJA°C/W)
Note 4: Failure to solder the exposed back side of the MS8E package to
the PC board will result in a thermal resistance much higher than 40°C/W.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Gate Driver (TG)
VOH
High Output Voltage
ITG = –10mA, VOH = VBOOST – VTG
0.7
V
VOL
Low Output Voltage
ITG = 100mA
●
150
220
mV
IPU
Peak Pull-Up Current
●
1.7
2.4
A
RDS
Output Pull-Down Resistance
●
1.5
2.2
Ω
Switching Timing
tr
Output Rise Time
10% – 90%, CL = 1nF
10
ns
10% – 90%, CL = 10nF
100
ns
tf
Output Fall Time
10% – 90%, CL = 1nF
7
ns
10% – 90%, CL = 10nF
70
ns
tPLH
Output Low-High Propagation Delay
●
30
65
ns
tPHL
Output High-Low Propagation Delay
●
28
65
ns
TYPICAL PERFOR A CE CHARACTERISTICS
VCC Supply Quiescent Current
vs Voltage
VCC SUPPLY VOLTAGE (V)
0
0
50
100
150
200
300
510
4440 G01
15
250
INP = VCC
INP = 0V
TA = 25°C
BOOST – TS SUPPLY VOLTAGE (V)
0
0
100
150
200
250
300
350
5
10
4440 G02
400
450
INP = 0V
500
50
15
INP = VCC
TA = 25°C
BOOST – TS SUPPLY VOLTAGE (V)
8
150
155
160
165
170
11
13
4440 G03
145
140
910
12
14
15
ITG = 100mA
TA = 25°C
BOOST – TS Supply Quiescent
Current vs Voltage
Output Low Voltage (VOL)
vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com