Electronic Components Datasheet Search
  English  ▼

X  

LTC4440 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4440
Description  High Speed, High Voltage High Side Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4440 Datasheet(HTML) 5 Page - Linear Technology

  LTC4440 Datasheet HTML 1Page - Linear Technology LTC4440 Datasheet HTML 2Page - Linear Technology LTC4440 Datasheet HTML 3Page - Linear Technology LTC4440 Datasheet HTML 4Page - Linear Technology LTC4440 Datasheet HTML 5Page - Linear Technology LTC4440 Datasheet HTML 6Page - Linear Technology LTC4440 Datasheet HTML 7Page - Linear Technology LTC4440 Datasheet HTML 8Page - Linear Technology LTC4440 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC4440
4440f
PI FU CTIO S
SOT-23 Package
VCC (Pin 1): Chip Supply. This pin powers the internal low
side circuitry. A low ESR ceramic bypass capacitor should
be tied between this pin and the GND pin (Pin 2).
GND (Pin 2): Chip Ground.
INP (Pin 3): Input Signal. TTL/CMOS compatible input
referenced to GND (Pin 2).
TS (Pin 4): Top (High Side) Source Connection.
Input Threshold Hysteresis
vs Temperature
Peak Driver (TG) Pull-Up Current
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Output Driver Pull-Down
Resistance vs Temperature
Propagation Delay vs Temperature
(VCC = BOOST = 12V)
TEMPERATURE (°C)
–60
500
460
480
440
420
400
380
360
340
320
120
90
4440 G13
300
–30
30
060
VIH-VIL (VCC = 12V)
VIH-VIL (VCC = 15V)
VIH-VIL (VCC = 8V)
TEMPERATURE (°C)
–60
3.0
2.8
2.9
2.7
2.6
2.5
2.4
2.3
2.2
2.1
120
90
4440 G14
2.0
–30
30
060
BOOST – TS = 12V
BOOST – TS = 15V
TG (Pin 5): High Current Gate Driver Output (Top Gate).
This pin swings between TS and BOOST.
BOOST (Pin 6): High Side Bootstrapped Supply. An exter-
nal capacitor should be tied between this pin and TS
(Pin 4). Normally, a bootstrap diode is connected between
VCC (Pin 1) and this pin. Voltage swing at this pin is from
VCC – VD to VIN + VCC – VD, where VD is the forward voltage
drop of the bootstrap diode.
TEMPERATURE (°C)
–60
2.0
2.5
3.0
120
90
4440 G15
1.5
1.0
0
–30
30
060
0.5
BOOST – TS = 15V
BOOST – TS = 8V
BOOST – TS = 12V
TEMPERATURE (°C)
–60
45
40
35
30
25
20
15
10
5
120
90
4440 G16
0
–30
30
060
tPLH
tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com