Electronic Components Datasheet Search
  English  ▼

X  

LTC5507 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC5507
Description  100kHz to 1GHz RF Power Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5507 Datasheet(HTML) 3 Page - Linear Technology

  LTC5507 Datasheet HTML 1Page - Linear Technology LTC5507 Datasheet HTML 2Page - Linear Technology LTC5507 Datasheet HTML 3Page - Linear Technology LTC5507 Datasheet HTML 4Page - Linear Technology LTC5507 Datasheet HTML 5Page - Linear Technology LTC5507 Datasheet HTML 6Page - Linear Technology LTC5507 Datasheet HTML 7Page - Linear Technology LTC5507 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTC5507
3
5507f
TYPICAL PERFOR A CE CHARACTERISTICS
LTC5507 Typical Detector
Characteristics, 100kHz,
VCC = 2.7V TO 6V
Positive VOUT Slew Rate vs C2
Capacitance
LTC5507 Typical Detector
Characteristics, 1000MHz
VCC = 2.7V TO 6V
LTC5507 Typical Detector
Characteristics, 100MHz
VCC = 2.7V TO 6V
RF INPUT POWER (dBm)
–34 –28
–22 –16
100
1000
10000
–10
–4
2
8
14
5507 G01
TA = –40°C
TA = 85°C
C1 = 0.47
µF
C2 = 0.47
µF
TA = 25°C
TA = –40°C
TA = 85°C
C1 = 1000pF
C2 = 1000pF
TA = 25°C
RF INPUT POWER (dBm)
–34 –28
–22 –16
100
1000
10000
–10
–4
2
8
14
5507 G02
TA = –40°C
TA = 85°C
C1 = 33pF
C2 = 33pF
TA = 25°C
RF INPUT POWER (dBm)
–34 –28
–22 –16
100
1000
10000
–10
–4
2
8
14
5507 G03
C2 CAPACITANCE (pF)
33
10.0
1.0
0.10
0.01
330
3300
330000
33000
5507 G04
C2 CAPACITANCE (pF)
33
330
3300
330000
33000
5507 G05
10.000
1.000
0.100
0.010
0.001
0
C2 CAPACITANCE (pF)
33
330
3300
330000
33000
5507 G06
10000
1000
100
10
1
VOUT BW vs C2 Capacitance
Negative VOUT Slew Rate vs C2
Capacitance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com