Electronic Components Datasheet Search
  English  ▼

X  

LTC5507 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5507
Description  100kHz to 1GHz RF Power Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5507 Datasheet(HTML) 4 Page - Linear Technology

  LTC5507 Datasheet HTML 1Page - Linear Technology LTC5507 Datasheet HTML 2Page - Linear Technology LTC5507 Datasheet HTML 3Page - Linear Technology LTC5507 Datasheet HTML 4Page - Linear Technology LTC5507 Datasheet HTML 5Page - Linear Technology LTC5507 Datasheet HTML 6Page - Linear Technology LTC5507 Datasheet HTML 7Page - Linear Technology LTC5507 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC5507
4
5507f
BLOCK DIAGRA
–
+
–
+
5507 BD
GAIN
COMPRESSION
SHDN
VOUT
SHDN
GND
C1
C2
2
1
3
4
BUFFER
250
Ω
RF DET
30k
30k
60
µA60µA
150k
BIAS
100
Ω
RFSOURCE
RFIN
VCC
6
5
VCC
PCAP
C1 = C2
C2 (
µF) ≥
, f = LOWEST RF INPUT FREQUENCY (MHz)
1
30f
PI FU CTIO S
SHDN (Pin 1): Shutdown Input. A logic low or no-connect
on the SHDN pin places the part in shutdown mode. A logic
high enables the part. SHDN has an internal 150k pull
down resistor to ensure that the part is in shutdown when
the enable driver is in a tri-state condition.
GND (Pin 2): System Ground.
VOUT (Pin 3): Buffered and Level Shifted Detector Output
Voltage.
VCC (Pin 4): Power Supply Voltage, 2.7V to 6V. VCC should
be bypassed with 0.1
µF and 100pF ceramic capacitors.
PCAP (Pin 5): Peak Detector Hold Capacitor. Capacitor
value is dependent on RF frequency. Capacitor must be
connected between PCAP and VCC.
RFIN (Pin 6): RF Input Voltage. Referenced to VCC. A
coupling capacitor must be used to connect to the RF
signal source. This pin has an internal 250
Ω termination
and an internal Schottky diode detector.
Figure 2.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com